Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 11 Page - Texas Instruments

Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC232 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DDC232 Datasheet HTML 7Page - Texas Instruments DDC232 Datasheet HTML 8Page - Texas Instruments DDC232 Datasheet HTML 9Page - Texas Instruments DDC232 Datasheet HTML 10Page - Texas Instruments DDC232 Datasheet HTML 11Page - Texas Instruments DDC232 Datasheet HTML 12Page - Texas Instruments DDC232 Datasheet HTML 13Page - Texas Instruments DDC232 Datasheet HTML 14Page - Texas Instruments DDC232 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
0
−10
−20
−30
−40
−50
0.1
t
INT
100
1
t
INT
10
Frequency
t
INT
t
INT
DDC232
www.ti.com
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
Frequency Response
CONFIGURATION REGISTER
The frequency response of the DDC232 is set by the
Some aspects of device operation are controlled by
front-end integrators and is that of a traditional
the onboard configuration register. The DIN_CFG,
continuous time integrator, as shown in Figure 7. By
CLK_CFG, and RESET pins are used to write to this
adjusting
tINT, the user can change the 3dB
register. When beginning a write operation, hold
bandwidth and the location of the notches in the
CONV low and strobe RESET; see Figure 8. Then
response.
The
frequency
response
of
the
∆Σ
begin shifting in the configuration data on DIN_CFG.
converter that follows the front-end integrator is of no
Data are written to the configuration register most
consequence because the converter samples a held
significant bit first. The data are internally latched on
signal from the integrators. That is, the input to the
the falling edge of CLK_CFG. Partial writes to the
∆Σ converter is always a DC signal. Since the output
configuration register are not allowed—make sure to
of the front-end integrators are sampled, aliasing can
send all 12 bits when updating the register.
occur. Whenever the frequency of the input signal
Optional readback of the configuration register is
exceeds one-half of the sampling rate, the signal will
available immediately after the write sequence.
fold back down to lower frequencies.
During
readback,
the
12-bit
configuration
data
followed by a 4-bit revision ID and the test pattern are
shifted out on the DOUT pin on the rising edge of
DCLK.
NOTE: Wth Format = 1, the test pattern is 304 bits,
with only the last 72 bits non-zero. This sequence of
outputs is repeated twice for each DDC232 and
daisy-chaining is supported in configuration readback.
Table 5 shows the test pattern configuration during
readback.
Table
6
shows
the
timing
for
the
configuration register read and write operations.
Strobe CONV to begin normal operation.
Table 5. Test Pattern During Readback
TEST PATTERN
TOTAL
Format BIT
(Hex)
READBACK BITS
0
30F066012480F6h
512
Figure 7. Frequency Response
1
30F066012480F69055h
640
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com