Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 20 Page - Texas Instruments

Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC232 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DDC232 Datasheet HTML 16Page - Texas Instruments DDC232 Datasheet HTML 17Page - Texas Instruments DDC232 Datasheet HTML 18Page - Texas Instruments DDC232 Datasheet HTML 19Page - Texas Instruments DDC232 Datasheet HTML 20Page - Texas Instruments DDC232 Datasheet HTML 21Page - Texas Instruments DDC232 Datasheet HTML 22Page - Texas Instruments DDC232 Datasheet HTML 23Page - Texas Instruments DDC232 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
CLK
DVALID
t
PDCDV
t
PDDCDV
t
HDDODC
t
HDDODV
t
PDDCDO
Input32
MSB
Input
32
LSB
Input
31
MSB
Input5
LSB
Input4
MSB
Input2
LSB
Input1
MSB
Input1
LSB
Input32
MSB
DCLK
DOUT
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
Table 12. Ideal Output Code(1) vs Input Signal
DATA FORMAT
INPUT
IDEAL OUTPUT CODE
IDEAL OUTPUT CODE
The serial output data are provided in an offset binary
SIGNAL
FORMAT = 1
FORMAT = 0
code as shown in Table 12. The Format bit in the
≥ 100% FS
1111 1111 1111 1111 1111
1111 1111 1111 1111
configuration register selects how many bits are used
0.001531% FS
0000 0001 0000 0001 0000
0000 0001 0000 0001
in the output word. When Format = 1, 20 bits are
0.001436% FS
0000 0001 0000 0000 1111
0000 0001 0000 0000
used. When Format = 0, the lower 4 bits are
0.000191% FS
0000 0001 0000 0000 0010
0000 0001 0000 0000
truncated so that only 16 bits are used. Note that the
LSB size is 16 times bigger when Format = 0. An
0.000096% FS
0000 0001 0000 0000 0001
0000 0001 0000 0000
offset is included in the output to allow slightly
0% FS
0000 0001 0000 0000 0000
0000 0001 0000 0000
negative inputs (for example, from board leakages)
–0.3955% FS
0000 0000 0000 0000 0000
0000 0000 0000 0000
from clipping the reading. This offset is approximately
0.4% of the positive full-scale.
(1)
Excludes the effects of noise, INL, offset, and gain errors.
BLANKSPACE
DATA RETRIEVAL
Make sure not to retrieve data around changes in
In both the Continuous and Noncontinuous modes of
CONV because this can introduce noise. Stop activity
operation, the data from the last conversion are
on DCLK at least 10ms before or after a CONV
available for retrieval on the falling edge of DVALID
transition.
(see Figure 17 and Table 13). Data are shifted out on
Setting the Format bit = 0 (16-bit output word) will
the falling edge of the data clock, DCLK.
reduce the time needed to retrieve data by 20% since
there are fewer bits to shift out. This can be useful in
multichannel systems requiring only 16 bits of
resolution.
Figure 17. Digital Interface Timing for Data Retrieval From a Single DDC232
Table 13. Timing for DDC232 Data Retrieval
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tPDCDV
Propagation Delay from Falling Edge of CLK to DVALID Low
10
ns
tPDDCDV
Propagation Delay from Falling Edge of DCLK to DVALID High
5
ns
tHDDODV
Hold Time that DOUT is Valid Before the Falling Edge of DVALID
400
ns
tHDDODC
Hold Time that DOUT is Valid After Falling Edge of DCLK
4
ns
tPDDCDO
(1)
Propagation Delay from Falling Edge of DCLK to Valid DOUT
25
ns
(1)
With a maximum load of one DDC232 (4pF typical) with an additional load of 5pF.
20
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com