Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 22 Page - Texas Instruments

Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC232 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DDC232 Datasheet HTML 18Page - Texas Instruments DDC232 Datasheet HTML 19Page - Texas Instruments DDC232 Datasheet HTML 20Page - Texas Instruments DDC232 Datasheet HTML 21Page - Texas Instruments DDC232 Datasheet HTML 22Page - Texas Instruments DDC232 Datasheet HTML 23Page - Texas Instruments DDC232 Datasheet HTML 24Page - Texas Instruments DDC232 Datasheet HTML 25Page - Texas Instruments DDC232 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
t
INT
* tCMDR ) tSDCV
(20
32)t
DCLK
1000ms * 286.8ms
(640)(100ns)
+ 11.14 ³ 11 DDC232
…
…
…
…
Side B
Data
Side A
Data
t
INT
t
INT
t
CMDR
t
SDCV
CONV
DVALID
DCLK
DOUT
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
RETRIEVAL BEFORE CONV TOGGLES
(CONTINUOUS MODE)
(1)
Data retrieval before CONV toggles is the most
NOTE: (16 × 32)tDCLK is used for Format = 0, where
straightforward method. Data retrieval begins soon
tDCLK is the period of the data clock. For example, if
after DVALID goes low and finishes before CONV
tINT = 1000ms and DCLK = 10MHz, the maximum
toggles,
as
shown
in
Figure
20.
For
best
number of DDC232s with Format = 1 is shown in
performance, data retrieval must stop tSDCV before
Equation 2:
CONV toggles. This method is most appropriate for
longer integration times. The maximum time available
for readback is tINT – tCMDR – tSDCV.
(2)
For DCLK = 10MHz and CLK = 5MHz, the maximum
(or 13 for Format = 0)
number of DDC232s that can be daisy-chained
together (Format = 1) is calculated by Equation 1:
Figure 20. Readback Before CONV Toggles
Table 15. Timing Characteristics for Readback
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tSDCV
Data Retrieval Shutdown Before or After Edge of CONV
10
ms
22
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com