Electronic Components Datasheet Search
  English  ▼

X  

DS08MB200 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS08MB200
Description  DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS08MB200 Datasheet(HTML) 2 Page - Texas Instruments

  DS08MB200 Datasheet HTML 1Page - Texas Instruments DS08MB200 Datasheet HTML 2Page - Texas Instruments DS08MB200 Datasheet HTML 3Page - Texas Instruments DS08MB200 Datasheet HTML 4Page - Texas Instruments DS08MB200 Datasheet HTML 5Page - Texas Instruments DS08MB200 Datasheet HTML 6Page - Texas Instruments DS08MB200 Datasheet HTML 7Page - Texas Instruments DS08MB200 Datasheet HTML 8Page - Texas Instruments DS08MB200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS08MB200
SNLS197D – MAY 2006 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS
Pin
WQFN Pin
I/O, Type
Description
Name
Number
SWITCH SIDE DIFFERENTIAL INPUTS
SIA_0+
30
I, LVDS
Switch A-side Channel 0 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
SIA_0
−
29
LVPECL compatible.
SIA_1+
19
I, LVDS
Switch A-side Channel 1 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
SIA_1
−
20
LVPECL compatible.
SIB_0+
28
I, LVDS
Switch B-side Channel 0 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
SIB_0
−
27
LVPECL compatible.
SIB_1+
21
I, LVDS
Switch B-side Channel 1 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
SIB_1
−
22
LVPECL compatible.
LINE SIDE DIFFERENTIAL INPUTS
LI_0+
40
I, LVDS
Line-side Channel 0 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
LI_0
−
39
LVPECL compatible.
LI_1+
9
I, LVDS
Line-side Channel 1 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
LI_1
−
10
LVPECL compatible.
SWITCH SIDE DIFFERENTIAL OUTPUTS
SOA_0+
34
O, LVDS
Switch A-side Channel 0 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
SOA_0
−
33
SOA_1+
15
O, LVDS
Switch A-side Channel 1 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
SOA_1
−
16
SOB_0+
32
O, LVDS
Switch B-side Channel 0 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
SOB_0
−
31
SOB_1+
17
O, LVDS
Switch B-side Channel 1 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
SOB_1
−
18
LINE SIDE DIFFERENTIAL OUTPUTS
LO_0+
42
O, LVDS
Line-side Channel 0 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
LO_0
−
41
LO_1+
7
O, LVDS
Line-side Channel 1 inverting and non-inverting differential outputs. LVDS compatible(1)(2).
LO_1
−
8
DIGITAL CONTROL INTERFACE
MUX_S0
38
I, LVTTL
Mux Select Control Inputs (per channel) to select which Switch-side input, A or B, is passed through
MUX_S1
11
to the Line-side.
ENA_0
36
I, LVTTL
Output Enable Control for Switch A-side and B-side outputs. Each output driver on the A-side and B-
ENA_1
13
side has a separate enable pin.
ENB_0
35
ENB_1
14
ENL_0
45
I, LVTTL
Output Enable Control for The Line-side outputs. Each output driver on the Line-side has a separate
ENL_1
4
enable pin.
POWER
VDD
6, 12, 37,
I, Power
VDD = 3.3V ±0.3V.
43, 48
GND
2, 3, 46,
I, Power
Ground reference for LVDS and CMOS circuitry.
47(3)
For the WQFN package, the DAP is used as the primary GND connection to the device. The DAP is
the exposed metal contact at the bottom of the WQFN-48 package. It should be connected to the
ground plane with at least 4 vias for optimal AC and thermal performance.
N/C
1, 5, 23, 24,
No Connect
25, 26, 44
(1)
For interfacing LVDS outputs to CML or LVPECL compatible inputs, refer to the APPLICATIONS section of this datasheet.
(2)
The LVDS outputs do not support a multidrop (BLVDS) environment. The LVDS output characteristics of the DS08MB200 device have
been optimized for point-to-point backplane and cable applications.
(3)
Note that the DAP on the backside of the WQFN package is the primary GND connection for the device when using the WQFN
package.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS08MB200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com