Electronic Components Datasheet Search
  English  ▼

X  

DS08MB200 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS08MB200
Description  DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS08MB200 Datasheet(HTML) 3 Page - Texas Instruments

  DS08MB200 Datasheet HTML 1Page - Texas Instruments DS08MB200 Datasheet HTML 2Page - Texas Instruments DS08MB200 Datasheet HTML 3Page - Texas Instruments DS08MB200 Datasheet HTML 4Page - Texas Instruments DS08MB200 Datasheet HTML 5Page - Texas Instruments DS08MB200 Datasheet HTML 6Page - Texas Instruments DS08MB200 Datasheet HTML 7Page - Texas Instruments DS08MB200 Datasheet HTML 8Page - Texas Instruments DS08MB200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VDD
GND
GND
ENL_0
N/C
VDD
LO_0+
LO_0-
LI_0+
LI_0-
MUX_S0
VDD
48
47
46
45
44
43
42
41
40
39
38
37
ENA_1
ENB_1
SOA_1+
SOA_1-
SOB_1+
SOB_1-
SIA_1+
SIA_1-
SIB_1+
SIB_1-
N/C
N/C
13
14
15
16
17
18
19
20
21
22
23
24
12 11 10
9
8
7
6
5
4
3
2
1
25 26 27 28 29 30 31 32 33 34 35 36
DAP
(GND)
VDD
GND
GND
ENL_0
N/C
VDD
LO_0+
LO_0-
LI_0+
LI_0-
MUX_S0
VDD
ENA_1
ENB_1
SOA_1+
SOA_1-
SOB_1+
SOB_1-
SIA_1+
SIA_1-
SIB_1+
SIB_1-
N/C
N/C
Channel 0
Channel 1
DS08MB200
www.ti.com
SNLS197D – MAY 2006 – REVISED MARCH 2013
Connection Diagrams
Top View
Top View
Figure 2. WQFN Package
Figure 3. Directional Signal Paths
See Package Number RHS0048A
(Refer to pin names for signal polarity)
DAP = GND
TRI-STATE and Powerdown Modes
The DS08MB200 has output enable control on each of the six onboard LVDS output drivers. This control allows
each output individually to be placed in a low power TRI-STATE mode while the device remains active, and is
useful to reduce power consumption on unused channels. In TRI-STATE mode, some outputs may remain active
while some are in TRI-STATE.
When all six of the output enables (all drivers on both channels) are deasserted (LOW), then the device enters a
Powerdown mode that consumes only 0.5mA (typical) of supply current. In this mode, the entire device is
essentially powered off, including all receiver inputs, output drivers and internal bandgap reference generators.
When returning to active mode from Powerdown mode, there is a delay until valid data is presented at the
outputs because of the ramp to power up the internal bandgap reference generators.
Any single output enable that remains active will hold the device in active mode even if the other five outputs are
in TRI-STATE.
When in Powerdown mode, any output enable that becomes active will wake up the device back into active
mode, even if the other five outputs are in TRI-STATE.
Input Failsafe Biasing
External pull up and pull down resistors may be used to provide enough of an offset to enable an input failsafe
under open-circuit conditions. This configuration ties the positive LVDS input pin to VDD thru a pull up resistor
and the negative LVDS input pin is tied to GND by a pull down resistor. The pull up and pull down resistors
should be in the 5k
Ω to 15kΩ range to minimize loading and waveform distortion to the driver. Please refer to
application note SNLA051B AN-1194, “Failsafe Biasing of LVDS Interfaces” for more information.
Output Characteristics
The output characteristics of the DS08MB200 have been optimized for point-to-point backplane and cable
applications, and are not intended for multipoint or multidrop signaling.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS08MB200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com