Electronic Components Datasheet Search
  English  ▼

X  

DS08MB200 Datasheet(PDF) 4 Page - Texas Instruments

Part # DS08MB200
Description  DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS08MB200 Datasheet(HTML) 4 Page - Texas Instruments

  DS08MB200 Datasheet HTML 1Page - Texas Instruments DS08MB200 Datasheet HTML 2Page - Texas Instruments DS08MB200 Datasheet HTML 3Page - Texas Instruments DS08MB200 Datasheet HTML 4Page - Texas Instruments DS08MB200 Datasheet HTML 5Page - Texas Instruments DS08MB200 Datasheet HTML 6Page - Texas Instruments DS08MB200 Datasheet HTML 7Page - Texas Instruments DS08MB200 Datasheet HTML 8Page - Texas Instruments DS08MB200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS08MB200
SNLS197D – MAY 2006 – REVISED MARCH 2013
www.ti.com
MULTIPLEXER TRUTH TABLE
(1) (2)
Data Inputs
Control Inputs
Output
SIA_0
SIB_0
MUX_S0
ENL_0
LO_0
X
valid
0
1
SIB_0
valid
X
1
1
SIA_0
X
X
X
0 (3)
Z
(1)
Same functionality for channel 1
(2)
X = Don't Care
Z = High Impedance (TRI-STATE)
(3)
When all enable inputs from both channels are Low, the device enters a powerdown mode. Refer to the TRI-STATE and Powerdown
Modes section.
REPEATER/BUFFER TRUTH TABLE
(1) (2)
Data Input
Control Inputs
Outputs
LI_0
ENA_0
ENB_0
SOA_0
SOB_0
X
0
0
Z (3)
Z (3)
valid
0
1
Z
LI_0
valid
1
0
LI_0
Z
valid
1
1
LI_0
LI_0
(1)
Same functionality for channel 1
(2)
X = Don't Care
Z = High Impedance (TRI-STATE)
(3)
When all enable inputs from both channels are Low, the device enters a powerdown mode. Refer to the TRI-STATE and Powerdown
Modes section.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (VDD)
−0.3V to +4.0V
CMOS Input Voltage
-0.3V to (VDD+0.3V)
LVDS Receiver Input Voltage(2)
-0.3V to (VDD+0.3V)
LVDS Driver Output Voltage
-0.3V to (VDD+0.3V)
LVDS Output Short Circuit Current
+40 mA
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Solder, 4sec)
260°C
Max Pkg Power Capacity @ 25°C
5.2W
Thermal Resistance (
θJA)
24°C/W
Package Derating above +25°C
41.7mW/°C
ESD Last Passing Voltage
HBM, 1.5k
Ω, 100pF
8kV
LVDS pins to GND only
15kV
EIAJ, 0
Ω, 200pF
250V
CDM
1000V
(1)
Absolute maximum ratings are those values beyond which damage to the device may occur. Texas Instruments does not recommend
operation of products outside of recommended operation conditions.
(2)
VID max < 2.4V
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VCC)
3.0V to 3.6V
Input Voltage (VI)
(1)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
Industrial
−40°C to +85°C
(1)
VID max < 2.4V
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS08MB200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com