Electronic Components Datasheet Search
  English  ▼

X  

DS08MB200 Datasheet(PDF) 7 Page - Texas Instruments

Part # DS08MB200
Description  DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS08MB200 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS08MB200 Datasheet HTML 3Page - Texas Instruments DS08MB200 Datasheet HTML 4Page - Texas Instruments DS08MB200 Datasheet HTML 5Page - Texas Instruments DS08MB200 Datasheet HTML 6Page - Texas Instruments DS08MB200 Datasheet HTML 7Page - Texas Instruments DS08MB200 Datasheet HTML 8Page - Texas Instruments DS08MB200 Datasheet HTML 9Page - Texas Instruments DS08MB200 Datasheet HTML 10Page - Texas Instruments DS08MB200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
350
0
BIT DATA RATE (Mbps)
0
800
50
100
150
200
200
400
600
250
300
DS08MB200
www.ti.com
SNLS197D – MAY 2006 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Current vs. Bit Data Rate
Total Jitter vs. Temperature
Total Jitter measured at 0V differential while running a PRBS 27-1
Dynamic power supply current was measured with all channels active
pattern with one channel active, all other channels are disabled. VDD =
and toggling at the bit data rate. Data pattern has no effect on the
3.3V, VID = 0.5V, VCM = 1.2V, 800 Mbps data rate. Stimulus and
power consumption. VDD = 3.3V, TA = +25°C, VID = 0.5V, VCM = 1.2V.
fixture jitter has been subtracted.
Figure 4.
Figure 5.
Total Jitter vs. Bit Data Rate
Total Jitter measured at 0V differential while running a PRBS 27-1 pattern with one channel active, all other channels are disabled.
VDD = 3.3V, TA = +25°C, VID = 0.5V. Stimulus and fixture jitter has been subtracted.
Figure 6.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS08MB200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com