Electronic Components Datasheet Search
  English  ▼

X  

DS08MB200 Datasheet(PDF) 14 Page - Texas Instruments

Part # DS08MB200
Description  DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS08MB200 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DS08MB200 Datasheet HTML 8Page - Texas Instruments DS08MB200 Datasheet HTML 9Page - Texas Instruments DS08MB200 Datasheet HTML 10Page - Texas Instruments DS08MB200 Datasheet HTML 11Page - Texas Instruments DS08MB200 Datasheet HTML 12Page - Texas Instruments DS08MB200 Datasheet HTML 13Page - Texas Instruments DS08MB200 Datasheet HTML 14Page - Texas Instruments DS08MB200 Datasheet HTML 15Page - Texas Instruments DS08MB200 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
48X (0.25)
48X (0.6)
(
0.2) TYP
VIA
44X (0.5)
(6.8)
(6.8)
(1.25) TYP
(
5.1)
(R0.05)
TYP
(1.25)
TYP
(1.05) TYP
(1.05)
TYP
WQFN - 0.8 mm max height
RHS0048A
PLASTIC QUAD FLATPACK - NO LEAD
4214990/B 04/2018
SYMM
1
12
13
24
25
36
37
48
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:12X
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
49
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED
METAL
METAL EDGE
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com