Electronic Components Datasheet Search
  English  ▼

X  

DS08MB200 Datasheet(PDF) 5 Page - Texas Instruments

Part # DS08MB200
Description  DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS08MB200 Datasheet(HTML) 5 Page - Texas Instruments

  DS08MB200 Datasheet HTML 1Page - Texas Instruments DS08MB200 Datasheet HTML 2Page - Texas Instruments DS08MB200 Datasheet HTML 3Page - Texas Instruments DS08MB200 Datasheet HTML 4Page - Texas Instruments DS08MB200 Datasheet HTML 5Page - Texas Instruments DS08MB200 Datasheet HTML 6Page - Texas Instruments DS08MB200 Datasheet HTML 7Page - Texas Instruments DS08MB200 Datasheet HTML 8Page - Texas Instruments DS08MB200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS08MB200
www.ti.com
SNLS197D – MAY 2006 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
LVTTL DC SPECIFICATIONS (MUX_Sn, ENA_n, ENB_n, ENL_n)
VIH
High Level Input Voltage
2.0
VDD
V
VIL
Low Level Input Voltage
GND
0.8
V
IIH
High Level Input Current
VIN = VDD = VDDMAX
−10
+10
µA
IIL
Low Level Input Current
VIN = VSS, VDD = VDDMAX
−10
+10
µA
CIN1
Input Capacitance
Any Digital Input Pin to VSS
3.5
pF
COUT1
Output Capacitance
Any Digital Output Pin to VSS
5.5
pF
VCL
Input Clamp Voltage
ICL = −18 mA
−1.5
−0.8
V
LVDS INPUT DC SPECIFICATIONS (SIA±, SIB±, LI±)
VTH
Differential Input High Threshold(2)
VCM = 0.8V or 1.2V or 3.55V,
0
100
mV
VDD = 3.6V
VTL
Differential Input Low Threshold(2)
VCM = 0.8V or 1.2V or 3.55V,
−100
0
mV
VDD = 3.6V
VID
Differential Input Voltage
VCM = 0.8V to 3.55V, VDD = 3.6V
100
2400
mV
VCMR
Common Mode Voltage Range
VID = 150 mV, VDD = 3.6V
0.05
3.55
V
CIN2
Input Capacitance
IN+ or IN
− to VSS
3.5
pF
IIN
Input Current
VIN = 3.6V, VDD = VDDMAX
−15
+15
µA
VIN = 0V, VDD = VDDMAX
−15
+15
µA
LVDS OUTPUT DC SPECIFICATIONS (SOA_n±, SOB_n±, LO_n±)
VOD
Differential Output Voltage(2)
RL is the internal 100Ω between OUT+
250
360
500
mV
and OUT
−
ΔVOD
Change in VOD between
-35
35
mV
Complementary States
VOS
Offset Voltage(3)
1.05
1.22
1.475
V
ΔVOS
Change in VOS between
-35
35
mV
Complementary States
IOS
Output Short Circuit Current
OUT+ or OUT
− Short to GND
−21
-40
mA
COUT2
Output Capacitance
OUT+ or OUT
− to GND when TRI-
5.5
pF
STATE
SUPPLY CURRENT (Static)
ICC
Supply Current
All inputs and outputs enabled and
active, terminated with differential load of
225
275
mA
100
Ω between OUT+ and OUT-.
ICCZ
Supply Current - Powerdown Mode
ENA_0 = ENB_0 = ENL_0= ENA_1 =
0.6
4.0
mA
ENB_1 = ENL_1 = L
SWITCHING CHARACTERISTICS—LVDS OUTPUTS
tLHT
Differential Low to High Transition
Use an alternating 1 and 0 pattern at 200
170
250
ps
Time
Mb/s, measure between 20% and 80% of
VOD.
(4)
tHLT
Differential High to Low Transition
170
250
ps
Time
tPLHD
Differential Low to High Propagation
Use an alternating 1 and 0 pattern at 200
1.0
2.5
ns
Delay
Mb/s, measure at 50% VOD between
input to output.
tPHLD
Differential High to Low Propagation
1.0
2.5
ns
Delay
tSKD1
Pulse Skew
|tPLHD–tPHLD|
(4)
25
75
ps
tSKCC
Output Channel to Channel Skew
Difference in propagation delay (tPLHD or
50
115
ps
tPHLD) among all output channels.
(4)
(1)
Typical parameters are measured at VDD = 3.3V, TA = 25°C. They are for reference purposes, and are not production-tested.
(2)
Differential output voltage VOD is defined as ABS(OUT+–OUT−). Differential input voltage VID is defined as ABS(IN+–IN−).
(3)
Output offset voltage VOS is defined as the average of the LVDS single-ended output voltages at logic high and logic low states.
(4)
Not production tested. Ensured by statistical analysis on a sample basis at the time of characterization.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS08MB200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com