Electronic Components Datasheet Search
  English  ▼

X  

DS08MB200 Datasheet(PDF) 8 Page - Texas Instruments

Part # DS08MB200
Description  DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS08MB200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS08MB200 Datasheet HTML 4Page - Texas Instruments DS08MB200 Datasheet HTML 5Page - Texas Instruments DS08MB200 Datasheet HTML 6Page - Texas Instruments DS08MB200 Datasheet HTML 7Page - Texas Instruments DS08MB200 Datasheet HTML 8Page - Texas Instruments DS08MB200 Datasheet HTML 9Page - Texas Instruments DS08MB200 Datasheet HTML 10Page - Texas Instruments DS08MB200 Datasheet HTML 11Page - Texas Instruments DS08MB200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LVPECL
R2
150:
R1
150:
50:
50:
15MB200
0.1 PF
0.1 PF
LVPECL
R2
150:
R1
150:
50:
50:
15MB200
DS08MB200
SNLS197D – MAY 2006 – REVISED MARCH 2013
www.ti.com
APPLICATIONS
Interfacing LVPECL to LVDS
An LVPECL driver consists of a differential pair with coupled emitters connected to GND via a current source.
This drives a pair of emitter-followers that require a 50 ohm to VCC-2.0 load. A modern LVPECL driver will
typically include the termination scheme within the device for the emitter follower. If the driver does not include
the load, then an external scheme must be used. The 1.3 V supply is usually not readily available on a PCB,
therefore, a load scheme without a unique power supply requirement may be used.
Figure 7. DC Coupled LVPECL to LVDS Interface
Figure 7 is a separated
π termination scheme for a 3.3 V LVPECL driver. R1 and R2 provides proper DC load for
the driver emitter followers, and may be included as part of the driver device. The DS08MB200 includes a 100
ohm input termination for the transmission line. The common mode voltage will be at the normal LVPECL
levels – around 2 V. This scheme works well with LVDS receivers that have rail-to-rail common mode voltage,
VCM, range. Most Texas Instruments LVDS receivers have wide VCM range. The exceptions are noted in devices’
respective datasheets. Those LVDS devices that do have a wide VCM range do not vary in performance
significantly when receiving a signal with a common mode other than standard LVDS VCM of 1.2 V.
Figure 8. AC Coupled LVPECL to LVDS Interface
An AC coupled interface is preferred when transmitter and receiver ground references differ more than 1 V. This
is a likely scenario when transmitter and receiver devices are on separate PCBs. Figure 8 illustrates an AC
coupled interface between a LVPECL driver and LVDS receiver. R1 and R2, if not present in the driver device,
provide DC load for the emitter followers and may range between 140-220 ohms for most LVPECL devices for
this particular configuration. The DS08MB200 includes an internal 100 ohm resistor to terminate the transmission
line for minimal reflections. The signal after ac coupling capacitors will swing around a level set by internal
biasing resistors (i.e. fail-safe) which is either VDD/2 or 0 V depending on the actual failsafe implementation. If
internal biasing is not implemented, the signal common mode voltage will slowly wander to GND level.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS08MB200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com