Electronic Components Datasheet Search
  English  ▼

X  

DS08MB200 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS08MB200
Description  DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS08MB200 Datasheet(HTML) 1 Page - Texas Instruments

  DS08MB200 Datasheet HTML 1Page - Texas Instruments DS08MB200 Datasheet HTML 2Page - Texas Instruments DS08MB200 Datasheet HTML 3Page - Texas Instruments DS08MB200 Datasheet HTML 4Page - Texas Instruments DS08MB200 Datasheet HTML 5Page - Texas Instruments DS08MB200 Datasheet HTML 6Page - Texas Instruments DS08MB200 Datasheet HTML 7Page - Texas Instruments DS08MB200 Datasheet HTML 8Page - Texas Instruments DS08MB200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Channel 1
LI_0
SOA_0
SOB_0
SIA_0
SIB_0
MUX_S0
Channel 0
LO_0
ENL_0
ENA_0
ENB_0
Mux Buffer
Switch
Fabric A
Switch
Fabric B
FPGA
or
ASIC
DS08MB200
www.ti.com
SNLS197D – MAY 2006 – REVISED MARCH 2013
DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
Check for Samples: DS08MB200
1
FEATURES
DESCRIPTION
The DS08MB200 is a dual-port 1 to 2 repeater/buffer
2
•
Up to 800 Mbps Data Rate per Channel
and 2 to 1 multiplexer. High-speed data paths and
•
LVDS/BLVDS/CML/LVPECL Compatible Inputs,
flow-through pinout minimize internal device jitter and
LVDS Compatible Outputs
simplify board layout. The differential inputs and
•
Low Output Skew and Jitter
outputs interface to LVDS or Bus LVDS signals such
as those on TI's 10-, 16-, and 18- bit Bus LVDS
•
On-Chip 100
Ω Input Termination
SerDes, or to CML or LVPECL signals.
•
15 kV ESD Protection on LVDS Inputs/Outputs
The 3.3V supply, CMOS process, and robust I/O
•
Hot Plug Protection
ensure high performance at low power over the entire
•
Single 3.3V Supply
industrial -40 to +85°C temperature range.
•
Industrial -40 to +85°C Temperature Range
•
48-pin WQFN Package
Typical Application
Block Diagram
Figure 1. DS08MB200 Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS08MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS08MB200 NSC-DS08MB200 Datasheet
280Kb / 10P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
logo
Texas Instruments
DS08MB200 TI1-DS08MB200 Datasheet
866Kb / 14P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
logo
National Semiconductor ...
DS08MB200TSQ NSC-DS08MB200TSQ Datasheet
585Kb / 8P
Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS08MB200TSQ NSC-DS08MB200TSQ Datasheet
280Kb / 10P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
More results

Similar Description - DS08MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS08MB200 NSC-DS08MB200_07 Datasheet
280Kb / 10P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
DS08MB200 TI1-DS08MB200_13 Datasheet
866Kb / 14P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com