Electronic Components Datasheet Search
  English  ▼

X  

DS08MB200 Datasheet(PDF) 13 Page - Texas Instruments

Part # DS08MB200
Description  DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS08MB200 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS08MB200 Datasheet HTML 8Page - Texas Instruments DS08MB200 Datasheet HTML 9Page - Texas Instruments DS08MB200 Datasheet HTML 10Page - Texas Instruments DS08MB200 Datasheet HTML 11Page - Texas Instruments DS08MB200 Datasheet HTML 12Page - Texas Instruments DS08MB200 Datasheet HTML 13Page - Texas Instruments DS08MB200 Datasheet HTML 14Page - Texas Instruments DS08MB200 Datasheet HTML 15Page - Texas Instruments DS08MB200 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.ti.com
PACKAGE OUTLINE
C
SEE TERMINAL
DETAIL
48X
0.30
0.18
5.1 0.1
48X
0.5
0.3
0.8
0.7
(A) TYP
0.05
0.00
44X 0.5
2X
5.5
2X 5.5
A
7.15
6.85
B
7.15
6.85
0.30
0.18
0.5
0.3
(0.2)
WQFN - 0.8 mm max height
RHS0048A
PLASTIC QUAD FLATPACK - NO LEAD
4214990/B 04/2018
DIM A
OPT 1
OPT 2
(0.1)
(0.2)
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
12
25
36
13
24
48
37
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
49
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 1.800
DETAIL
OPTIONAL TERMINAL
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com