Electronic Components Datasheet Search
  English  ▼

X  

TLE5010 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 25Page - Infineon Technologies AG TLE5010 Datasheet HTML 26Page - Infineon Technologies AG TLE5010 Datasheet HTML 27Page - Infineon Technologies AG TLE5010 Datasheet HTML 28Page - Infineon Technologies AG TLE5010 Datasheet HTML 29Page - Infineon Technologies AG TLE5010 Datasheet HTML 30Page - Infineon Technologies AG TLE5010 Datasheet HTML 31Page - Infineon Technologies AG TLE5010 Datasheet HTML 32Page - Infineon Technologies AG TLE5010 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
TLE5010
Synchronous Serial Communication Interface (SSC)
Draft
Preliminary Data Sheet
29
V 0.9, 2007-05
The margin time in following table is the time between write access to the SSC Data Line
and the earliest possible sample read of the TLE5010 itself for read back.
It is useful to have a maximum distance between WRITE and subsequent READ. This
ensures a reliable read back of the written data for the Slave-Active Byte generation.
8.2
SSC Baud rate
The SSC Baud rate depends on the internal clock frequency.
12 internal digital clock cycles are necessary to ensure a reliable operation.
Therefore the maximum SSC Baud rate depends on the external CLK.
8.3
SSC Spike Filter
A SSC Spike Filter for all SSC lines can be selected via the SSC_FILT bit.
8.3.1
SSC Spike Filter Off
When the spike filter is disabled, each slope of a rising voltage is used to define a bit.
This is independent of the length of the sampled pulse.
For example a positive spike generates therefore a rising and a falling edge.
Table 14
Maximum Pull-up Time Margin with worst-case specified Timing
SSC_FILT
SSC_TIMING
Min.
tPU Margin
1)
1)
Calculation: Margin=tSCKl(min)+tDATwMAX-(tPU)-tDATrMIN.For Margin<50 ns no problems can occur.
Unit
Comment
0
don’t care
90
ns
1
50
f
SSC
f
CLK
2
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com