Electronic Components Datasheet Search
  English  ▼

X  

TLE5010 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 26Page - Infineon Technologies AG TLE5010 Datasheet HTML 27Page - Infineon Technologies AG TLE5010 Datasheet HTML 28Page - Infineon Technologies AG TLE5010 Datasheet HTML 29Page - Infineon Technologies AG TLE5010 Datasheet HTML 30Page - Infineon Technologies AG TLE5010 Datasheet HTML 31Page - Infineon Technologies AG TLE5010 Datasheet HTML 32Page - Infineon Technologies AG TLE5010 Datasheet HTML 33Page - Infineon Technologies AG TLE5010 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
TLE5010
Synchronous Serial Communication Interface (SSC)
Draft
Preliminary Data Sheet
30
V 0.9, 2007-05
8.3.2
SSC Spike Filter On
A sliding window with four consecutive sample bits is analyzed.
The sample frequency is:
Rising Edge Detect for SCK
• After a rising edge (LH combination), at least one of the 2 following samples has to be
’high’.
Valid bit combinations: 0111 , 0110 , 0101.
• A falling condition has to be detected before.
Falling Edge Detect for SCK
• After a falling edge (HL combination), at least one of the 2 following samples has to
be ’low’.
Valid bit combinations: 1000 , 1001 , 1010.
• A rising condition has to be detected before.
Figure 11
SSC Spike Filter
Filter for DATA and CS
• The DATA pin has a ’2-of-3’ filter.
• The CS input has a ’2-of-3’ filter, which suppresses only positive spikes.
f
S
1
f
DIGIT
---------------
=
SCK (PAD)
SCK Rise
SCK Fall
Masked, because
no fall detected
Suppressed
Spike
SCK fall
detected
SCK rise
detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com