Electronic Components Datasheet Search
  English  ▼

X  

TLE5010 Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 42Page - Infineon Technologies AG TLE5010 Datasheet HTML 43Page - Infineon Technologies AG TLE5010 Datasheet HTML 44Page - Infineon Technologies AG TLE5010 Datasheet HTML 45Page - Infineon Technologies AG TLE5010 Datasheet HTML 46Page - Infineon Technologies AG TLE5010 Datasheet HTML 47Page - Infineon Technologies AG TLE5010 Datasheet HTML 48Page - Infineon Technologies AG TLE5010 Datasheet HTML 49Page - Infineon Technologies AG TLE5010 Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
TLE5010
Test Structures
Draft
Preliminary Data Sheet
46
V 0.9, 2007-05
ADC Test Vectors
Figure 14
ADC Test Vectors
11.2
Temperature Measurement
An internal bandgap voltage can be used to measure the temperature on the chip.
This may be used to compensate temperature dependent errors.
The temperature value is sent out instead of the X value.
Table 18
Temperature Measurement
Parameter
Symbol Limit Values
Unit
Notes
min.
typ.
max.
Value at -40°C
T-40
-
-
+22000 digits
Value at 25°C
T25
+2550
+5775
+9000
digits
Value at 150°C
T150
-22000
-
-
digits
Temperature Sensitivity
ST
-
-188.75
-
dig / K 1)
1)
Should be used for temperature compensation of offset errors
X
Y
0%
122.1%
100.0%
70.7%
141.4%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com