Electronic Components Datasheet Search
  English  ▼

X  

TLE5010 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 33Page - Infineon Technologies AG TLE5010 Datasheet HTML 34Page - Infineon Technologies AG TLE5010 Datasheet HTML 35Page - Infineon Technologies AG TLE5010 Datasheet HTML 36Page - Infineon Technologies AG TLE5010 Datasheet HTML 37Page - Infineon Technologies AG TLE5010 Datasheet HTML 38Page - Infineon Technologies AG TLE5010 Datasheet HTML 39Page - Infineon Technologies AG TLE5010 Datasheet HTML 40Page - Infineon Technologies AG TLE5010 Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
TLE5010
Register Table
Draft
Preliminary Data Sheet
37
V 0.9, 2007-05
FSYNC_INV
Addr: 06H
Reset Value: 00H
7
6
5
4
3
2
1
0
FILT_INV
FSYNC
WU
WU
Field
Bits
Type
Description
FILT_INV
7
WU
Filter Input Inversion (to check the digital data path
during operation)
0: Filter Inputs are not inverted
1: Filter Inputs are inverted
FSYNC
6-0
WU
Frame Synchronization (7bit unsigned integer value)
The Filter Update time of approx. 80 µs results from
the filter decimation. The phase of this decimation
can be set and checked by this counter.
If FIR_BYP is activated, this counter overflows at the
value 31D.
ANGT
Addr: 07H
Reset Value: 00H
7
6
5
4
3
2
1
0
reserved
ANGT_EN
ANGT_Y
ANGT_X
-
W
W
W
Field
Bits
Type
Description
reserved
7
-
reserved, has to be set to 0
ANGT_EN
6
W
Angle Test Enable
0: Angle Test disable command
1: Angle Test enable command
in this case X and Y values represent resistive test
values, which can be used to simulate angle values
ANGT_Y
5-3
W
Angle Test X and Y value
see : Table 17 "Functional Angle Test" on Page 45
ANGT_X
2-0
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com