Electronic Components Datasheet Search
  English  ▼

X  

TLE5010 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 39Page - Infineon Technologies AG TLE5010 Datasheet HTML 40Page - Infineon Technologies AG TLE5010 Datasheet HTML 41Page - Infineon Technologies AG TLE5010 Datasheet HTML 42Page - Infineon Technologies AG TLE5010 Datasheet HTML 43Page - Infineon Technologies AG TLE5010 Datasheet HTML 44Page - Infineon Technologies AG TLE5010 Datasheet HTML 45Page - Infineon Technologies AG TLE5010 Datasheet HTML 46Page - Infineon Technologies AG TLE5010 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
TLE5010
Data Communication via SSC
Draft
Preliminary Data Sheet
43
V 0.9, 2007-05
10.1
CRC Generation
• This CRC is according to the
J1850 Bus-Specification of 15.Feb.1994 for Class B
Data Communication.
• Every new transfer resets the CRC generation.
• Every byte of a transfer will be taken into account to generate the CRC (also
the sent command(s)).
• Generator Polynom: X8+X4+X3+X2+1, for the CRC generation the fast CRC
generation circuit is used. (See Figure 13)
• The remainder of the fast CRC circuit is initial set to ’11111111B’.
• Remainder is bit inverted before transmission.
Figure 13 shows the fast CRC Polynom.
The zero extension for initial CRC calculation is included!
Figure 13
Fast CRC polynomial division circuit
10.2
Slave Active Byte Generation
The position of the ’0’ in a nibble corresponds to the given slave number.
The slave active byte (cccc_nnnn) is made up of a
• low nibble (nnnn). One ’0’ is generated always according to the slave number.
• high nibble (cccc). The ’0’ is only generated, if the readback CRC is correct.
Slave1: S_NO = 0
bit 0 is pulled low
Slave Active Byte: 1110_1110
Slave2: S_NO = 1
bit 1 is pulled low
Slave Active Byte: 1101_1101
Slave3: S_NO = 2
bit 2 is pulled low
Slave Active Byte: 1011_1011
Slace4: S_NO = 3
bit 3 is pulled low
Slave Active Byte: 0111_0111
Example for a communication disturbed by other bus participants:
Slave1: S_NO = 0
bit 0 is pulled low, but the high nibble remains as ’1111’.
> Slave Active Byte: 1111_1110
X7
X6
X5
X4
X3
X2
X0
xor
Input
Serial
CRC
output
TX_CRC
X1
1
1
xor
1
xor
1
xor
1
1
1
1
&
parallel Remainder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com