Electronic Components Datasheet Search
  English  ▼

X  

TLE5010 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 32Page - Infineon Technologies AG TLE5010 Datasheet HTML 33Page - Infineon Technologies AG TLE5010 Datasheet HTML 34Page - Infineon Technologies AG TLE5010 Datasheet HTML 35Page - Infineon Technologies AG TLE5010 Datasheet HTML 36Page - Infineon Technologies AG TLE5010 Datasheet HTML 37Page - Infineon Technologies AG TLE5010 Datasheet HTML 38Page - Infineon Technologies AG TLE5010 Datasheet HTML 39Page - Infineon Technologies AG TLE5010 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
TLE5010
Register Table
Draft
Preliminary Data Sheet
36
V 0.9, 2007-05
FCNT_STAT
Addr: 05H
Reset Value: 80H
7
6
5
4
3
2
1
0
reserved
STAT_VR GMR_OFF
UPDATE
FCNT
-
R S
R U
R S
R U
Field
Bits
Type
Description
reserved
7
-
STAT_VR
6
RS
Voltage Regulator Status
This bit is a logical OR combination of Digital, Analog,
GMR and VDDOV Comparator and GNDOFF, and
VDDOFF Comparator outputs.
0: Voltage Supply ok
1: Voltage Supply not ok
GMR_OFF
5
RU
ADC Values are no GMR values
(e.g.: Temperature measurement is active)
This bit indicates, whether GMR values or any other
values are connected to the ADCs. This value is read
back from the multiplexer control signals.
0: X,Y Values are GMR values
1: X,Y Values normally represent temp. measurement
or angle test values. In case of non functional MUX this
bit is set to “1”
UPDATE
4
RU
Update Toggle bit. This bit toggles after every update
(update command or automatic update at angle test)
The bit is independent of 'UR' bit in CTRL1
FCNT
3-0
RU
Frame Counter (4 bit unsigned integer value)
This counter counts every new X,Y value pair coming
out of the data path. (approx. 80µs)
This counter is reset to 0H after any write to FSYNC and
after every change of the ANGT_EN bit. As
tsettle time
has to be waited for valid X,Y data, this counter must be
≥ 2
H to indicate valid X,Y values. If it overflows, it resets
to 3H to show, that values are still valid.
Note: If FIR_BYP is activated, this counter counts 4
times faster!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com