Electronic Components Datasheet Search
  English  ▼

X  

TLE5010 Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 38Page - Infineon Technologies AG TLE5010 Datasheet HTML 39Page - Infineon Technologies AG TLE5010 Datasheet HTML 40Page - Infineon Technologies AG TLE5010 Datasheet HTML 41Page - Infineon Technologies AG TLE5010 Datasheet HTML 42Page - Infineon Technologies AG TLE5010 Datasheet HTML 43Page - Infineon Technologies AG TLE5010 Datasheet HTML 44Page - Infineon Technologies AG TLE5010 Datasheet HTML 45Page - Infineon Technologies AG TLE5010 Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
TLE5010
Data Communication via SSC
Draft
Preliminary Data Sheet
42
V 0.9, 2007-05
10
Data Communication via SSC
• The data transmission order is ’MSB first’.
• Data is put on the data line with the rising edge on SCK and read with the falling edge
on SCK.
• The SSC interface is byte aligned. Functions are activated after each transmitted byte.
• A “high” condition on the negated chip select pin (CS) of the selected TLE5010
interrupts the transfer immediately. The CRC calculator is automatically resetted.
• Every access to the TLE5010 with ND (number of data)
≥ 1 is done with address auto
increment.
• After an auto-increment overflow the addresses are beginning from 00H again.
• For every data transfer with ND
≥ 1 a 8 bit CRC byte will be appended by the selected
TLE5010. No CRC byte is sent in a data transfer with ND = 0 (e.g. Update Command).
• After the CRC byte is sent, the bit represented by S_NO is pulled low by the selected
slave in the Slave-Active-Byte (bits [3..0], low nibble). In this way, also broadcast-
messages produce an individual feedback of every selected slave. This is necessary
to differentiate the individual TLE5010 slave response, because the CRC byte is
written by both TLE5010 in parallel.
• If the CRC byte on the bus is the same as the internal generated CRC of each
TLE5010, each slave pulls low the dedicated bit in the Slave-Active-Byte (bits [7..4],
high nibble). If not, the bit in the high nibble remains ’1’.
• A write command to address 00H with ND = 0 will update all values inside the
TLE5010, and only in this case the transfer can proceed. Furthermore this command
is add to the CRC-calculation of the following SSC Transfer.
• A command of “0000_0000” is called ’Update Command’.
This command transfers the present immediate values of each register to the update
register. After an Update Command, the CS line need not set and reset again.
• After the CRC and Slave-Active byte have been sent the transfer ends.
The TLE5010 always sends logical “1” and all following sent bits from the SSC Master
are ignored (TLE5010 is in idle mode). To enable data transfers again the chip select
pin (CS) of the TLE5010 has to be deselected for CSoff (see Table 13) once.
• If the update mode is selected (CTRL register, UR = ’1’), all accesses are done to
update registers where update registers are present. Other registers are accessed
directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com