Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 33Page - Renesas Technology Corp F0448 Datasheet HTML 34Page - Renesas Technology Corp F0448 Datasheet HTML 35Page - Renesas Technology Corp F0448 Datasheet HTML 36Page - Renesas Technology Corp F0448 Datasheet HTML 37Page - Renesas Technology Corp F0448 Datasheet HTML 38Page - Renesas Technology Corp F0448 Datasheet HTML 39Page - Renesas Technology Corp F0448 Datasheet HTML 40Page - Renesas Technology Corp F0448 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 37
7.4.4.
Serial Control
Both channels have a digital controlled attenuator, DSA1_A and DSA1_B, which share the serial control word.
The serial control pins are on header J13 and are shown in Figure 79. Table 13 lists the pin functions on header
J13.
Figure 79. Two Jumpers for Serial Programming Connections
Table 13. J13 Header Pins
Pin
Label
Pin
Label
1
GND
2
GND
3
DATA
4
GND
5
CLK
6
GND
7
CSb_A
8
GND
9
CSb_B
10
GND
11
VCTRL0_A
12
GND
13
VCTRL0_B
14
GND
15
VCTRL1_A
16
GND
17
VCTRL1_B
18
GND
19
VCTRL2_A
20
GND
21
VCTRL2_B
22
GND
Each channel has its own latch pins, CSB_A and CSB_B (pin 7 of J13 and pin 9 of J13) so each channel
attenuator can be independently controlled. If you only have one latch signal, the ability to control each channel
attenuator achieved using headers J12 and J15. The latch signal must be applied to CSb_A (pin 7 of J13).
Table 14 lists the operation for the connections on these headers. Figure 54 shows the J12 and J15 headers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com