Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 8Page - Renesas Technology Corp F0448 Datasheet HTML 9Page - Renesas Technology Corp F0448 Datasheet HTML 10Page - Renesas Technology Corp F0448 Datasheet HTML 11Page - Renesas Technology Corp F0448 Datasheet HTML 12Page - Renesas Technology Corp F0448 Datasheet HTML 13Page - Renesas Technology Corp F0448 Datasheet HTML 14Page - Renesas Technology Corp F0448 Datasheet HTML 15Page - Renesas Technology Corp F0448 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 12
2.4
Electrical Characteristics – For Wideband Performance
(3.3GHz to 4.2GHz)
VCC = +5V, TC = +25°C, fRF = 4.0GHz specifications apply when operated as a dual-channel RF DVGA,
maximum gain setting, POUT = 0dBm, ZRFI = ZRFO = 50
Ω, Evaluation Board (EVKit) traces and connectors are de-
embedded, unless otherwise stated. For BOM details of this specific band, see Table 12.
Table 4. Electrical Characteristics (3.3GHz to 4.2GHz)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
RF Input Return Loss
RLIN
13
dB
RF Output Return Loss
RLOUT
20
dB
Gain
GMAX
12
dB
GMIN
Maximum attenuation
-36.5
GTEMP
Variation over temperature
±0.4
GVAR
Variation over frequency [3]
±0.6
DSA0 Absolute Accuracy
INLDSA0
2
dB
DSA1 Step Error
DNLDSA1
0.7
dB
DSA1 Absolute Accuracy
INLDSA1
2
dB
DSA2 Step Error
DNLDSA2
0.6
dB
DSA2 Absolute Accuracy
INLDSA2
0.7
dB
Relative Phase DSA0
Φ
PH_DSA0
6.3
deg
Phase Deviation DSA1
Φ
PH_DSA1
Between adjacent states
5.8
deg
Relative Phase DSA2
Φ
PH_ DSA2
Any State
5.9
deg
Noise Figure
NF
7.7
dB
NFHOT
TEPAD = +105°C
8.4
NF22
DSA1 22dB attenuation
29.4
Output Third Order Intercept
Point
OIP31
1MHz tone separation
38
dBm
OIP32
1MHz tone separation
POUT = -10dBm/tone
34
OIP36dB
1MHz tone separation
DSA0 full attenuation
32
OIP33
1MHz tone separation
Worst case over temp range
31.5
OIP318dB
POUT = -18dBm/tone
1MHz tone separation
DSA2 full 18dB attenuation
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com