Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 4Page - Renesas Technology Corp F0448 Datasheet HTML 5Page - Renesas Technology Corp F0448 Datasheet HTML 6Page - Renesas Technology Corp F0448 Datasheet HTML 7Page - Renesas Technology Corp F0448 Datasheet HTML 8Page - Renesas Technology Corp F0448 Datasheet HTML 9Page - Renesas Technology Corp F0448 Datasheet HTML 10Page - Renesas Technology Corp F0448 Datasheet HTML 11Page - Renesas Technology Corp F0448 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 8
2.
Specifications
2.1
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause
permanent damage to the device. Functional operation of the F0448 at absolute maximum ratings is not implied.
Exposure to absolute maximum rating conditions may affect device reliability.
Table 1. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
VCC to GND
VCC
-0.3
+5.5
V
DATA, CSb_A, CSb_B, CLK, VCTRL0_A, VCTRL0_B
VLOGIC1
-0.3
Lower of
(VCC, 3.6)
V
STBY_A, STBY_B, VCTRL1_A, VCTRL1_B, VCTRL2_A, VCTRL2_B
VLOGIC2
-0.3
VCC + 0.25
V
RFIN_A, RFIN_B externally applied DC voltage
VRFIN
+1.4
+3.6
V
RFOUT_A, RFOUT_B, externally applied DC voltage
VRFOUT
+1.4
+3.6
V
RF Input Power (RFIN_A or RFIN_B) applied for 24 hours max. [1]
PMAX
+22
dBm
Continuous Power Dissipation
PDISS
1.5
W
Storage Temperature Range
TST
-65
150
°C
Lead Temperature (soldering, 10s)
260
°C
ElectroStatic Discharge – HBM (JEDEC/ESDA JS-001-2012)
2000
Class 2
V
ElectroStatic Discharge – CDM (JEDEC 22-C101F)
1000
Class C3
V
1.
Exposure to these maximum RF levels can result in significant VCC current draw due to overdriving the amplifier stage.
2.2
Recommended Operating Conditions
Table 2. Recommended Operating Conditions
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Unit
Supply Voltage
VCC
All VCC pins
4.75
5.00
5.25
V
Operating Temperature Range
TEPAD
Exposed paddle
-40
+105
°C
Junction Temperature
TJ
+125
°C
RF Frequency Range
fRF
3.3
4.2
GHz
Maximum RF Input Power
PIP
DSA0 = DSA1 = 0dB
0
dBm
RF Source Impedance
ZRFI
Single ended
50
Ω
RF Load Impedance
ZRFO
Single ended
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com