Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 23Page - Renesas Technology Corp F0448 Datasheet HTML 24Page - Renesas Technology Corp F0448 Datasheet HTML 25Page - Renesas Technology Corp F0448 Datasheet HTML 26Page - Renesas Technology Corp F0448 Datasheet HTML 27Page - Renesas Technology Corp F0448 Datasheet HTML 28Page - Renesas Technology Corp F0448 Datasheet HTML 29Page - Renesas Technology Corp F0448 Datasheet HTML 30Page - Renesas Technology Corp F0448 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 27
Figure 69. DSA1 Default Condition
The F0448 includes a CLK inhibit feature designed to minimize sensitivity to CLK bus noise when the device is
not being programmed. When CSb is high (> VIH), the CLK input is disabled and serial data (DATA) is not
clocked into the shift register. It is recommended that CSb be pulled high (> VIH) when the device is not being
programmed.
Table 6. DSA1 Attenuation Word Truth Table (LSB = First In)
D7 (MSB)
Attenuation word
Attenuation
Setting (dB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
x
LOW
LOW
LOW
LOW
LOW
x
x
0
x
LOW
LOW
LOW
LOW
HIGH
x
x
1
x
LOW
LOW
LOW
HIGH
LOW
x
x
2
x
LOW
LOW
HIGH
LOW
LOW
x
x
4
x
LOW
HIGH
LOW
LOW
LOW
x
x
8
x
HIGH
LOW
LOW
LOW
LOW
x
x
16
x
HIGH
LOW
HIGH
HIGH
LOW
x
x
22
x
HIGH
LOW
HIGH
HIGH
HIGH
x
x
23 (max)
x
HIGH
HIGH
LOW
LOW
LOW
x
x
23 (max)
x
HIGH
HIGH
LOW
LOW
HIGH
x
x
23 (max)
x
HIGH
HIGH
LOW
HIGH
LOW
x
x
23 (max)
x
HIGH
HIGH
LOW
HIGH
HIGH
x
x
23 (max)
x
HIGH
HIGH
HIGH
LOW
LOW
x
x
23 (max)
x
HIGH
HIGH
HIGH
LOW
HIGH
x
x
23 (max)
x
HIGH
HIGH
HIGH
HIGH
LOW
x
x
23 (max)
x
HIGH
HIGH
HIGH
HIGH
HIGH
x
x
23 (max)
Default Register Setting
x
x
x
1
1
1
1
1
LSB
MSB
D0
D1
D2
D3
D4
D5
D6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com