Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 15Page - Renesas Technology Corp F0448 Datasheet HTML 16Page - Renesas Technology Corp F0448 Datasheet HTML 17Page - Renesas Technology Corp F0448 Datasheet HTML 18Page - Renesas Technology Corp F0448 Datasheet HTML 19Page - Renesas Technology Corp F0448 Datasheet HTML 20Page - Renesas Technology Corp F0448 Datasheet HTML 21Page - Renesas Technology Corp F0448 Datasheet HTML 22Page - Renesas Technology Corp F0448 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 19
30
32
34
36
38
40
42
44
46
48
50
3
3.2
3.4
3.6
3.8
4
Frequency (GHz)
-40 C, +4.75 V
-40 C, +5.00 V
-40 C, +5.25 V
+25 C, +4.75 V
+25 C, +5.00 V
+25 C, +5.25 V
+105 C, +4.75 V
+105 C, +5.00 V
+105 C, +5.25 V
30
32
34
36
38
40
42
44
46
48
50
3
3.2
3.4
3.6
3.8
4
Frequency (GHz)
-40 C, +4.75 V
-40 C, +5.00 V
-40 C, +5.25 V
+25 C, +4.75 V
+25 C, +5.00 V
+25 C, +5.25 V
+105 C, +4.75 V
+105 C, +5.00 V
+105 C, +5.25 V
30
32
34
36
38
40
42
44
46
48
50
0
10
20
30
40
50
Tone Spacing Frequency (MHz)
-40 C
+25 C
+105 C
15
16
17
18
19
20
21
22
23
24
25
3
3.2
3.4
3.6
3.8
4
Frequency (GHz)
-40 C, +4.75 V
-40 C, +5.00 V
-40 C, +5.25 V
+25 C, +4.75 V
+25 C, +5.00 V
+25 C, +5.25 V
+105 C, +4.75 V
+105 C, +5.00 V
+105 C, +5.25 V
30
32
34
36
38
40
42
44
46
48
50
3
3.2
3.4
3.6
3.8
4
Frequency (GHz)
-40 C, +4.75 V
-40 C, +5.00 V
-40 C, +5.25 V
+25 C, +4.75 V
+25 C, +5.00 V
+25 C, +5.25 V
+105 C, +4.75 V
+105 C, +5.00 V
+105 C, +5.25 V
Figure 26. OIP3 vs. Frequency with POUT = 0dBm/Tone
and Max Gain
Figure 27. OIP3 vs. Frequency with
POUT = -10dBm/Tone and Max Gain
Figure 28. OIP3 vs. Frequency with
POUT = -18dBm/Tone and DSA2 = 18dB
Figure 29. OIP3 vs. Frequency as a Function of Tone
Spacing with POUT = 0dBm/Tone at 3.6GHz
Figure 30. OIP3 vs. Frequency with POUT = 0dBm/Tone
and DSA0 = 6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com