Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 35Page - Renesas Technology Corp F0448 Datasheet HTML 36Page - Renesas Technology Corp F0448 Datasheet HTML 37Page - Renesas Technology Corp F0448 Datasheet HTML 38Page - Renesas Technology Corp F0448 Datasheet HTML 39Page - Renesas Technology Corp F0448 Datasheet HTML 40Page - Renesas Technology Corp F0448 Datasheet HTML 41Page - Renesas Technology Corp F0448 Datasheet HTML 42Page - Renesas Technology Corp F0448 Datasheet HTML 43Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 40
9.
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website. The package information is the most current data available and is subject to change without revision of
this document.
10. Marking Diagram
IDTF0448
NBGK
ZW1707L
Q86A034MY
■
Line 1 and 2 are the part number.
■
Line 3 “ZW” is for die version.
■
Line 3 “yyww = 1707 has two digits for the year and week that the part was assembled.
■
Line 3 “L” denotes Assembly Site.
■
Line 4 “Q86A034MY” is the Assembly Lot number.
11. Ordering Information
Orderable Part Number
Package Description
MSL Rating
Carrier Type
Temperature
F0448NBGK
6
× 6 × 0.75 mm, 36-QFN
1
Tray
-40°C to +105°C
F0448NBGK8
6
× 6 × 0.75 mm, 36-QFN
1
Tape and Reel
-40°C to +105°C
F0448EVB
Evaluation Board
F0448EVS
Evaluation Solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com