Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 14Page - Renesas Technology Corp F0448 Datasheet HTML 15Page - Renesas Technology Corp F0448 Datasheet HTML 16Page - Renesas Technology Corp F0448 Datasheet HTML 17Page - Renesas Technology Corp F0448 Datasheet HTML 18Page - Renesas Technology Corp F0448 Datasheet HTML 19Page - Renesas Technology Corp F0448 Datasheet HTML 20Page - Renesas Technology Corp F0448 Datasheet HTML 21Page - Renesas Technology Corp F0448 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 18
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
6
DSA0 Setting (dB)
-40 C, +4.75 V
-40 C, +5.00 V
-40 C, +5.25 V
+25 C, +4.75 V
+25 C, +5.00 V
+25 C, +5.25 V
+105 C, +4.75 V
+105 C, +5.00 V
+105 C, +5.25 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
6
DSA0 Setting (dB)
-40 C, +4.75 V
-40 C, +5.00 V
-40 C, +5.25 V
+25 C, +4.75 V
+25 C, +5.00 V
+25 C, +5.25 V
+105 C, +4.75 V
+105 C, +5.00 V
+105 C, +5.25 V
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5
10
15
20
DSA1 Setting (dB)
-40 C, +4.75 V
-40 C, +5.00 V
-40 C, +5.25 V
+25 C, +4.75 V
+25 C, +5.00 V
+25 C, +5.25 V
+105 C, +4.75 V
+105 C, +5.00 V
+105 C, +5.25 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
DSA1 Setting (dB)
-40 C, +4.75 V
-40 C, +5.00 V
-40 C, +5.25 V
+25 C, +4.75 V
+25 C, +5.00 V
+25 C, +5.25 V
+105 C, +4.75 V
+105 C, +5.00 V
+105 C, +5.25 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
6
12
18
DSA2 Setting (dB)
-40 C, +4.75 V
-40 C, +5.00 V
-40 C, +5.25 V
+25 C, +4.75 V
+25 C, +5.00 V
+25 C, +5.25 V
+105 C, +4.75 V
+105 C, +5.00 V
+105 C, +5.25 V
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
6
12
18
DSA2 Setting (dB)
-40 C, +4.75 V
-40 C, +5.00 V
-40 C, +5.25 V
+25 C, +4.75 V
+25 C, +5.00 V
+25 C, +5.25 V
+105 C, +4.75 V
+105 C, +5.00 V
+105 C, +5.25 V
Figure 20. DSA0 Absolute Attenuation Error (INL) at
3.6GHz
Figure 21. DSA0 Attenuator Step Error (DNL) at
3.6GHz
Figure 22. DSA1 Absolute Attenuation Error (INL) at
3.6GHz
Figure 23. DSA1 Attenuator Step Error (DNL) at
3.6GHz
Figure 24. DSA2 Absolute Attenuation Error (INL) at
3.6GHz
Figure 25. DSA2 Attenuator Step Error (DNL) at
3.6GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com