Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 6Page - Renesas Technology Corp F0448 Datasheet HTML 7Page - Renesas Technology Corp F0448 Datasheet HTML 8Page - Renesas Technology Corp F0448 Datasheet HTML 9Page - Renesas Technology Corp F0448 Datasheet HTML 10Page - Renesas Technology Corp F0448 Datasheet HTML 11Page - Renesas Technology Corp F0448 Datasheet HTML 12Page - Renesas Technology Corp F0448 Datasheet HTML 13Page - Renesas Technology Corp F0448 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 10
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
DSA0 Phase Settling Time
tDSA0_1_PH
50% CTRL to within 1 degree of
final value, 0dB state to 6dB
state
24
35
ns
tDSA0_2_PH
50% CTRL to within 1 degree of
final value, 6dB state to 0dB
state
18
35
DSA2 Phase Settling Time
tDSA2_1_PH
50% CTRL to within 1 degree of
final value, 0dB state to 18dB
state
16
35
ns
tDSA0_1_PH
50% CTRL to within 1 degree of
final value, 18dB state to 0dB
state
15
35
Stability K factor
KFACT
Over entire temperature range
1.4
unit
Serial Clock Speed
SPICLK
10
MHz
CSb_A, CSb_B to first serial
clock rising edge
tLS
SPI 3 wire bus. 50% of CSb
falling edge to 50% of CLK rising
edge.
10
ns
Serial Data Hold Time
tH
SPI 3 wire bus. 50% of CLK
rising edge to 50% of Data falling
edge.
10
ns
Final serial clock rising edge to
CSb
tLC
SPI 3 wire bus. 50% of CLK
rising edge to 50% of CSb rising
edge.
10
ns
RF Input Return Loss
RLIN
15
dB
RF Output Return Loss
RLOUT
20
dB
Gain
GMAX
12
13
13.5
dB
GMIN
Maximum attenuation
-38.1
-32
-26.4
GTEMP
Variation over temperature
±0.15
GVAR
Variation over frequency [3]
±0.2
DSA0 Absolute Accuracy
INLDSA0
0.52
dB
DSA1 Step Error
DNLDSA1
0.16
dB
DSA1 Absolute Accuracy
INLDSA1
0.55
dB
DSA2 Step Error
DNLDSA2
0.32
dB
DSA2 Absolute Accuracy
INLDSA2
0.43
dB
Relative Phase DSA0
Φ
PH_DSA0
6.6
deg
Phase Deviation DSA1
Φ
PH_DSA1
Between adjacent states
3
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com