Electronic Components Datasheet Search
  English  ▼

X  

F0448 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F0448 Datasheet HTML 3Page - Renesas Technology Corp F0448 Datasheet HTML 4Page - Renesas Technology Corp F0448 Datasheet HTML 5Page - Renesas Technology Corp F0448 Datasheet HTML 6Page - Renesas Technology Corp F0448 Datasheet HTML 7Page - Renesas Technology Corp F0448 Datasheet HTML 8Page - Renesas Technology Corp F0448 Datasheet HTML 9Page - Renesas Technology Corp F0448 Datasheet HTML 10Page - Renesas Technology Corp F0448 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 7
Number
Name
Description
3
VCTRL0_A
1-bit DSA0 6dB attenuator control for channel A. Logic HIGH is for 6dB attenuated and logic LOW
is for 0dB attenuated.
4
DATA
Data input: 3.3V or 1.8V CMOS compatible.
5
CLK
Clock input: 3.3V or 1.8V CMOS compatible.
6, 21, 23, 25
VCC
Power Supply. Use bypass capacitors as close to pin as possible.
7
VCTRL0_B
1-bit DSA0 6dB attenuator control for channel B. Logic HIGH is for 6dB attenuated and logic LOW
is for 0dB attenuated.
9
RFIN_B
Input RF port for channel B that is internally matched to 50Ω. Must use external DC block.
10, 18, 20,
26, 28, 36
NC
No internal connection. These pins can be left unconnected or be connected to ground
(recommended). Use a via as close to the pin as possible if grounded.
11
CSb_B
Chip Select bar input for channel B: 3.3V or 1.8V CMOS compatible. Logic LOW allows data to be
shifted in.
12
STBY_B
Standby pin for channel B (LOW/Open = device power ON, HIGH = device power OFF with SPI
still powered ON). An internal pull-
down resistor of 57kΩ connects between this pin and GND.
13
VCTRL1_B
Bit 0 for DSA2 channel B attenuator. Logic HIGH is for 6dB attenuated and logic LOW is for 0dB
attenuated.
14
VCTRL2_B
Bit 1 for DSA2 channel B attenuator. Logic HIGH is for 12dB attenuated and logic LOW is for 0dB
attenuated.
19
RFOUT_B
Output RF port for channel B. Use external DC block as close to the pin as possible.
22
RDSET
Connect external resistor to GND to optimize amplifier bias. Used with pin 24.
24
RSET
Connect external resistor to GND to optimize amplifier bias. Used with pin 22.
27
RFOUT_A
Output RF port for channel A. Use external DC block as close to the pin as possible.
32
VCTRL2_A
Bit 1 for DSA2 channel A attenuator. Logic HIGH is for 12dB attenuated and logic LOW is for 0dB
attenuated.
33
VCTRL1_A
Bit 0 for DSA2 channel A attenuator. Logic HIGH is for 6dB attenuated and logic LOW is for 0dB
attenuated.
34
STBY_A
Standby pin for channel A (LOW/Open = device power ON, HIGH = device power OFF with SPI
still powered ON). An internal pull-
down resistor of 57kΩ connects between this pin and GND.
35
CSb_A
Chip Select bar input for channel A: 3.3V or 1.8V CMOS compatible. Logic LOW allows data to be
shifted in.
— EPAD
Exposed paddle. Internally connected to ground. Solder this exposed paddle to a printed circuit
board (PCB) pad that uses multiple ground vias to provide heat transfer out of the device into the
PCB ground planes. These multiple ground vias are also required to achieve the specified RF
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com