Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 24 Page - Texas Instruments

Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/√Hz, 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 20Page - Texas Instruments AFE5804 Datasheet HTML 21Page - Texas Instruments AFE5804 Datasheet HTML 22Page - Texas Instruments AFE5804 Datasheet HTML 23Page - Texas Instruments AFE5804 Datasheet HTML 24Page - Texas Instruments AFE5804 Datasheet HTML 25Page - Texas Instruments AFE5804 Datasheet HTML 26Page - Texas Instruments AFE5804 Datasheet HTML 27Page - Texas Instruments AFE5804 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
-60
65
70
75
80
85
90
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
TGCIIMode
PGA=20dB, 6dBFS
-
10MHz
2MHz
5MHz
60
65
70
75
80
85
90
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
TGCIIMode
PGA=20dB, 1dBFS
-
-60
65
70
75
80
85
90
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
TGCIIMode
PGA=25dB, 6dBFS
-
60
65
70
75
80
85
90
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
TGCIIMode
PGA=25dB, 1dBFS
-
10MHz
2MHz
5MHz
-60
65
70
75
80
85
90
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
TGCIIMode
PGA=27dB, 6dBFS
-
10MHz
2MHz
5MHz
60
65
70
75
80
85
90
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
TGCIIMode
PGA=27dB, 1dBFS
-
10MHz
2MHz
5MHz
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = VDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled with 1.0
μF,
VCNTL = 1.0V, fIN 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer setting =
3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
CROSSTALK vs VCNTL
CROSSTALK vs VCNTL
Figure 61.
Figure 62.
CROSSTALK vs VCNTL
CROSSTALK vs VCNTL
Figure 63.
Figure 64.
CROSSTALK vs VCNTL
CROSSTALK vs VCNTL
Figure 65.
Figure 66.
24
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com