Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 33 Page - Texas Instruments

Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/√Hz, 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 29Page - Texas Instruments AFE5804 Datasheet HTML 30Page - Texas Instruments AFE5804 Datasheet HTML 31Page - Texas Instruments AFE5804 Datasheet HTML 32Page - Texas Instruments AFE5804 Datasheet HTML 33Page - Texas Instruments AFE5804 Datasheet HTML 34Page - Texas Instruments AFE5804 Datasheet HTML 35Page - Texas Instruments AFE5804 Datasheet HTML 36Page - Texas Instruments AFE5804 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
AFE5804
www.ti.com
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
Table 3. SUMMARY OF FUNCTIONS SUPPORTED BY SERIAL INTERFACE(1) (2) (3) (4) (continued)
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
DEFAULT
X
X
X
X
GAIN_CH4
<3:0>
Programmable gain channel 4.
0dB gain
X
X
X
X
GAIN_CH3
<3:0>
Programmable gain channel 3.
0dB gain
2A
X
X
X
X
GAIN_CH2
<3:0>
Programmable gain channel 2.
0dB gain
X
X
X
X
GAIN_CH1
<3:0>
Programmable gain channel 1.
0dB gain
X
X
X
X
GAIN_CH5
<3:0>
Programmable gain channel 5.
0dB gain
X
X
X
X
GAIN_CH6
<3:0>
Programmable gain channel 6.
0dB gain
2B
X
X
X
X
GAIN_CH7
<3:0>
Programmable gain channel 7.
0dB gain
X
X
X
X
GAIN_CH8
<3:0>
Programmable gain channel 8.
0dB gain
Single-
1
1
X
DIFF_CLK
Differential clock mode.
ended clock
Enables the duty-cycle
1
1
X
EN_DCC
Disabled
correction circuit.
External
42
Drives the external reference
reference
1
1
X
EXT_REF_VCM
mode through the VCM pin.
drives REFT
and REFB
Controls the phase of LCLK
1
1
X
X
PHASE_DDR
<1:0>
90 degrees
output relative to data.
0
X
PAT_DESKEW
Enables deskew pattern mode.
Inactive
45
X
0
PAT_SYNC
Enables sync pattern mode.
Inactive
Binary twos complement
Straight
1
1
X
BTC_MODE
format for ADC output.
offset binary
Serialized ADC output comes
LSB-first
1
1
X
MSB_FIRST
out MSB-first.
output
Enables SDR output mode
DDR output
1
1
X
EN_SDR
(LCLK becomes a 12x input
46
mode
clock).
Controls whether the LCLK
Rising edge
rising or falling edge comes in
of LCLK in
1
1
1
1
FALL_SDR
the middle of the data window
middle of
when operating in SDR output
data window
mode.
SUMMARY OF FEATURES
POWER IMPACT (Relative to Default)
FEATURES
DEFAULT
SELECTION
AT fS = 50MSPS
ANALOG FEATURES
Internal or external reference
Internal reference mode takes approximately 20mW more
N/A
Pin
(driven on the REFT and REFB pins)
power on AVDD1
External reference driven on the CM pin
Off
Register 42
Approximately 8mW less power on AVDD1
Duty cycle correction circuit
Off
Register 42
Approximately 7mW more power on AVDD1
With zero input to the ADC, low-frequency noise suppression
Low-frequency noise suppression
Off
Register 14
causes digital switching at fS/2, thereby increasing LVDD power
by approximately 5.5mW/channel
Differential clock mode takes approximately 7mW more power
Single-ended or differential clock
Single-ended
Register 42
on AVDD1
Refer to the Power-Down Modes section in the Electrical
Power-down mode
Off
Pin and register 0F
Characteristics table
DIGITAL FEATURES
Programmable digital gain (0dB to 12dB)
0dB
Registers 2A and 2B
No difference
Straight offset or BTC output
Straight offset
Register 46
No difference
Swap polarity of analog input pins
Off
Register 24
No difference
LVDS OUTPUT PHYSICAL LAYER
LVDS internal termination
Off
Register 12
Approximately 7mW more power on AVDD
LVDS current programmability
3.5mA
Register 11
As per LVDS clock and data buffer current setting
LVDS OUTPUT TIMING
LSB- or MSB-first output
LSB-first
Register 46
No difference
SDR mode takes approximately 2mW more power on LVDD
DDR or SDR output
DDR
Register 46
(at fS = 30MSPS)
LCLK phase relative to data output
Refer to Figure 94
Register 42
No difference
Copyright
© 2008–2011, Texas Instruments Incorporated
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com