Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 28 Page - Texas Instruments

Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/√Hz, 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 24Page - Texas Instruments AFE5804 Datasheet HTML 25Page - Texas Instruments AFE5804 Datasheet HTML 26Page - Texas Instruments AFE5804 Datasheet HTML 27Page - Texas Instruments AFE5804 Datasheet HTML 28Page - Texas Instruments AFE5804 Datasheet HTML 29Page - Texas Instruments AFE5804 Datasheet HTML 30Page - Texas Instruments AFE5804 Datasheet HTML 31Page - Texas Instruments AFE5804 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
120
100
80
60
40
20
0
ADCFrequency(MSPS)
10
50
40
30
20
AVDD1
LVDD
0
-
-
-
-
-
-
20
40
60
80
100
120
Frequency(MHz)
1.80
2.20
1.95
1.90
1.85
2.00
TGCIMode
PGA=30dB
V
=1V
CNTL
2.05
2.10
2.15
-32
-6
-85
0
-
-
-
-
-
-
20
40
60
80
100
120
Frequency(MHz)
4.80
5.20
4.95
4.90
4.85
5.00
TGCIMode
PGA=30dB
V
=1V
CNTL
5.05
5.10
5.15
-32
-6
-87
0
-
-
-
-
-
-
20
40
60
80
100
120
Frequency(MHz)
1.80
2.20
1.95
1.90
1.85
2.00
TGCIIMode
PGA=30dB
V
=1V
CNTL
2.05
2.10
2.15
-32
-6
-87
0
-
-
-
-
-
-
20
40
60
80
100
120
Frequency(MHz)
4.80
5.20
4.95
4.90
4.85
5.00
TGCIIMode
PGA=30dB
V
=1V
CNTL
5.05
5.10
5.15
-32
-6
-90
0
-
-
-
-
-
-
20
40
60
80
100
120
Frequency(MHz)
1.80
2.20
1.95
1.90
1.85
2.00
PWMode
PGA=30dB
V
=1V
CNTL
2.05
2.10
2.15
-32
-6
-85
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = VDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled with 1.0
μF,
VCNTL = 1.0V, fIN 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer setting =
3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
INTERMODULATION DISTORTION
MSPS vs LVDD AND AVDD1 CURRENTS
(1.99MHz and 2.01MHz)
Figure 85.
Figure 86.
INTERMODULATION DISTORTION
INTERMODULATION DISTORTION
(4.99MHz and 5.01MHz)
(1.99MHz and 2.01MHz)
Figure 87.
Figure 88.
INTERMODULATION DISTORTION
INTERMODULATION DISTORTION
(4.99MHz and 5.01MHz)
(1.99MHz and 2.01MHz)
Figure 89.
Figure 90.
28
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com