Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 57 Page - Texas Instruments

Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/√Hz, 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 57 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 53Page - Texas Instruments AFE5804 Datasheet HTML 54Page - Texas Instruments AFE5804 Datasheet HTML 55Page - Texas Instruments AFE5804 Datasheet HTML 56Page - Texas Instruments AFE5804 Datasheet HTML 57Page - Texas Instruments AFE5804 Datasheet HTML 58Page - Texas Instruments AFE5804 Datasheet HTML 59Page - Texas Instruments AFE5804 Datasheet HTML 60Page - Texas Instruments AFE5804 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
AFE5804
www.ti.com
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
Table 20. State of Reference Voltages for Various Combinations of PD and INT/EXT
REGISTER BIT
INTERNAL BUFFER STATE
PD
0
0
1
1
0
0
1
1
INT/EXT
0
1
0
1
0
1
0
1
EXT_REF_VCM
0
0
0
0
1
1
1
1
REFT buffer
3-state
2.5V
3-state
2.5V(1)
1.5V + VCM/1.5V
Do not use
2.5V(1)
Do not use
REFB buffer
3-state
0.5V
3-state
0.5V(1)
1.5V
– VCM/1.5V
Do not use
0.5V(1)
Do not use
CM pin
1.5V
1.5V
1.5V
1.5V
Force
Do not use
Force
Do not use
(1)
Weakly forced with reduced strength.
Poor RMS jitter (greater than 100ps), combined with
POWER SUPPLIES
inadequate power-supply design (for example, supply
voltage drops and ripple increases), can affect LVDS
The AFE5804 operates on three supply rails: a digital
timing. As a result, occasional glitches might be
1.8V supply, and the 3.3V and 5V analog supplies. At
observed
on
the
AFE5804
outputs.
If
this
initial power-up, the part is operational in TGC mode,
phenomenon is observed, or if the clock jitter and
with
the
registers
in
the
respective
default
LVDD noise are concerns in the system, the registers
configurations (see Table 3).
in Table 21 can be written as part of the initialization
In TGC mode, only the VCA (attenuator) draws a low
sequence in order to stabilize LVDS clock timing and
current (typically 7mA) from the 5V supply. Switching
SNR performance.
into the CW mode, the internal V/I-amplifiers are then
powered from the 5V rail as well, raising the
Table 21. Address and Data in Hexadecimal
operating current on the 5V rail. At the same time, the
ADDRESS
DATA
post-gain amplifiers (PGA) are being powered down,
01
0010h
thereby reducing the current consumption on the 3.3V
rail (refer to the Electrical Characteristics table for
D1
0140h
details on TGC mode and CW mode current
DA
0001h
consumption).
E1
0020h
All analog supply rails for the AFE5804 should be low
02
0080h
noise, including the 3.3V digital supply DVDD that
01
0000h
connects to the internal logic blocks of the VCA within
the AFE5804. It is recommended to tie the DVDD
Writing to these registers has the following additional
pins to the same 3.3V analog supply as the AVDD1/2
effects:
pins, rather than a different 3.3V rail that may also
a. Total
chip
power
increases
approximately
provide power to other logic device in the system.
8mW
—this amount includes a current increase of
Transients and noise generated by those devices can
about 1.9mA on AVDD1 and about 1.1mA on
couple into the AFE5804 and degrade overall device
LVDD.
performance.
b. With reference to the LVDS Timing Diagram and
Definition
of
Setup
and
Hold
Times,
CLOCK JITTER, POWER NOISE, SNR, AND
LCLKP/LCLKM shift by about 100ps to the left
LVDS TIMING
relative to CLK and OUTP/OUTM. This shift
As explained in Application Note SLYT075, ADC
causes the data setup time to reduce by 100ps
clock jitter can degrade ADC performance. Therefore,
and the data hold time to increase by 100ps.
it is always preferred to use a low jitter clock to drive
c. The clock propagation delay (tPROP) is reduced by
the AFE5804. To ensure the performance of the
roughly 2ns. The typical and minimum values for
AFE5804, a clock with a jitter of 1ps RMS or better is
this specification are reduced by 2ns, and the
expected. However, it might not always be possible to
maximum value for this spec is reduced by 1.5ns.
achieve this for practical reasons. With a higher clock
jitter, the SNR of the AFE5804 may be degraded as
Power-supply noise can usually be minimized if
well as the LVDS timing stability. In addition, clean
grounding, bypassing, and PCB layout are well
and stable power supplies are always preferred to
managed. Some guidelines can be found in the
maximize the AFE5804 SNR and ensure LVDS timing
Grounding
and
Bypassing
and
Board
Layout
stability.
sections.
Copyright
© 2008–2011, Texas Instruments Incorporated
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com