Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 49 Page - Texas Instruments

Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/√Hz, 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 45Page - Texas Instruments AFE5804 Datasheet HTML 46Page - Texas Instruments AFE5804 Datasheet HTML 47Page - Texas Instruments AFE5804 Datasheet HTML 48Page - Texas Instruments AFE5804 Datasheet HTML 49Page - Texas Instruments AFE5804 Datasheet HTML 50Page - Texas Instruments AFE5804 Datasheet HTML 51Page - Texas Instruments AFE5804 Datasheet HTML 52Page - Texas Instruments AFE5804 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
A1
R
G
A2
Clamp
Gain
Control
Bits
From
Attenuator
Clamp
Control
Bit
To
Low-Pass
Filter
PGA
VCM
(+1.65V)
ToADC
Inputs
CLAMP
LPF
AFE5804
www.ti.com
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
PROGRAMMABLE POST-GAIN AMPLIFIER
CLAMPING
(PGA)
To further optimize the overload recovery behavior of
Following the VCA is a programmable post-gain
a complete TGC channel, the AFE5804 integrates a
amplifier
(PGA).
Figure
99
shows
a
simplified
clamping stage, as shown in Figure 100. This
schematic of the PGA, including the clamping stage.
clamping stage precedes the low-pass filter in order
The gain of this PGA can be configured to four
to prevent the filter circuit from being driven into
different gain settings: 20dB, 25dB, 27dB, and 30dB,
overload, the result of which would be an extended
programmable through the serial port; see Table 11.
recovery time. The clamping level is fixed to clamp
the signal level to approximately 2.3VPP differential.
The
PGA
structure
consists
of
a
differential,
programmable-gain
voltage-to-current
converter
LOW-PASS FILTER
stage followed by transimpedance amplifiers to buffer
each side of the differential output. Low input noise is
The AFE5804 integrates an anti-aliasing filter in the
also a requirement for the PGA design as a result of
form of a programmable low-pass filter (LPF) for each
the large amount of signal attenuation that can be
channel. The LPF is designed as a differential, active,
applied in the preceding VCA stage. At minimum
second-order
filter
that
approximates
a
Bessel
VCA attenuation (used for small input signals), the
characteristic, with typically 12dB per octave roll-off.
LNA noise dominates; at maximum VCA attenuation
Figure 100 shows the simplified schematic of half the
(large input signals), the attenuator and PGA noise
differential
active
low-pass
filter.
Programmable
dominates.
through the serial interface, the
–3dB frequency
corner can be set to either 12.5MHz or 17MHz. The
filter bandwidth is set for all channels simultaneously.
Figure 99. Post-Gain Amplifier
(Simplified Schematic)
Figure 100. Clamping Stage and Low-Pass Filter (Simplified Schematic)
Copyright
© 2008–2011, Texas Instruments Incorporated
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com