Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 4 Page - Texas Instruments

Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/√Hz, 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 4 Page - Texas Instruments

  AFE5804 Datasheet HTML 1Page - Texas Instruments AFE5804 Datasheet HTML 2Page - Texas Instruments AFE5804 Datasheet HTML 3Page - Texas Instruments AFE5804 Datasheet HTML 4Page - Texas Instruments AFE5804 Datasheet HTML 5Page - Texas Instruments AFE5804 Datasheet HTML 6Page - Texas Instruments AFE5804 Datasheet HTML 7Page - Texas Instruments AFE5804 Datasheet HTML 8Page - Texas Instruments AFE5804 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At AVDD_5V = 5.0V, AVDD1 = AVDD2 = DVDD = 3.3V, LVDD = 1.8V, TGC mode I, single-ended input into LNA, ac-coupled
(1.0
μF), VCNTL = 1.0V, fIN = 5MHz, Clock = 40MSPS, 50% duty cycle, LPF = 12.5MHz, internal reference mode, ISET = 56kΩ,
LVDS buffer setting = 3.5mA, and ambient temperature TA = +25°C, unless otherwise noted.
AFE5804
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
fIN = 2MHz; –1dBFS
59.7
dBFS
(VCNTL = 1.0V, PGA = 30dB)
Signal-to-noise ratio
SNR
fIN = 5MHz; –1dBFS
59.5
dBFS
fIN = 10MHz; –1dBFS
59.1
dBFS
fIN = 5MHz; –1dBFS
–45
dBFS
(VCNTL = 0.35V, PGA = 30dB)
fIN = 5MHz; –1dBFS
Second-harmonic distortion
HD2
–50
–70
dBFS
(VCNTL = 1V, PGA = 30dB)
fIN = 5MHz; –6dBFS
–61
–70
dBFS
(VCNTL = 1V, PGA = 20dB)
fIN = 5MHz; –1dBFS
–43
dBFS
(VCNTL = 0.35V, PGA = 30dB)
fIN = 5MHz; –1dBFS
Third-harmonic distortion
HD3
–43
–50
dBFS
(VCNTL = 1V, PGA = 30dB)
fIN = 5MHz; –6dBFS
–61
–70
dBFS
(VCNTL = 1V, PGA = 20dB)
f1 = 4.99MHz at –6dBFS,
Intermodulation distortion
IMD3
58
dBc
f2 = 5.01MHz at –32dBFS
Crosstalk
fIN ≤ 5MHz, VCNTL = 0.6V, –6dBFS
–67
dBc
CW
—SIGNAL CHANNELS
Input voltage noise (CW)
en
RS = 0Ω, f = 2MHz
1.1
nV/
√Hz
Output noise correlation factor
Summing of eight channels
0.6
%
At VIN = 100mVPP
13.8
mA/V
Output transconductance
IOUT/VIN
At VIN = 270mVPP
12.2
mA/V
Dynamic CW output current, max
IOUTAC
2.9
mAPP
Static CW output current (sink)
IOUTDC
0.9
mA
Output common-mode voltage(3)
VCM
2.5
V
Output impedance
50
k
Ω
Output capacitance
10
pF
INTERNAL REFERENCE VOLTAGES (ADC)
Reference top
VREFT
0.5
V
Reference bottom
VREFB
2.5
V
VREFT
– VREFB
1.95
2
2.05
V
Common-mode voltage (internal)
VCM
1.425
1.5
1.575
V
VCM output current
±2
mA
(3)
CW outputs require an externally applied bias voltage of +2.5V.
4
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com