Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 41 Page - Texas Instruments

Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/√Hz, 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 41 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 37Page - Texas Instruments AFE5804 Datasheet HTML 38Page - Texas Instruments AFE5804 Datasheet HTML 39Page - Texas Instruments AFE5804 Datasheet HTML 40Page - Texas Instruments AFE5804 Datasheet HTML 41Page - Texas Instruments AFE5804 Datasheet HTML 42Page - Texas Instruments AFE5804 Datasheet HTML 43Page - Texas Instruments AFE5804 Datasheet HTML 44Page - Texas Instruments AFE5804 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
AFE5804
www.ti.com
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
LVDS TEST PATTERNS
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
X
0
0
EN_RAMP
0
X
0
DUALCUSTOM_PAT
25
0
0
X
SINGLE_CUSTOM_PAT
X
X
BITS_CUSTOM1
<11:10>
X
X
BITS_CUSTOM2
<11:10>
26
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM1
<9:0>
27
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM2
<9:0>
0
X
PAT_DESKEW
45
X
0
PAT_SYNC
The AFE5804 can output a variety of test patterns on the LVDS outputs. These test patterns replace the normal
ADC data output. Setting EN_RAMP to '1' causes all the channels to output a repeating full-scale ramp pattern.
The ramp increments from zero code to full-scale code in steps of 1LSB every clock cycle. After hitting the
full-scale code, it returns back to zero code and ramps again.
The device can also be programmed to output a constant code by setting SINGLE_CUSTOM_PAT to '1', and
programming the desired code in BITS_CUSTOM1
<11:0>. In this mode, BITS_CUSTOM<11:0> take the place of
the 12-bit ADC data at the output, and are controlled by LSB-first and MSB-first modes in the same way as
normal ADC data are.
The device may also be made to toggle between two consecutive codes by programming DUAL_CUSTOM_PAT
to '1'. The two codes are represented by the contents of BITS_CUSTOM1
<11:0> and BITS_CUSTOM2<11:0>.
In addition to custom patterns, the device may also be made to output two preset patterns:
1. Deskew patten: Set using PAT_DESKEW, this mode replaces the 12-bit ADC output D
<11:0> with the
010101010101 word.
2. Sync pattern: Set using PAT_SYNC, the normal ADC word is replaced by a fixed 111111000000 word.
Note that only one of the above patterns should be active at any given instant.
Copyright
© 2008–2011, Texas Instruments Incorporated
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com