Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 45 Page - Texas Instruments

Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/√Hz, 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5804 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 41Page - Texas Instruments AFE5804 Datasheet HTML 42Page - Texas Instruments AFE5804 Datasheet HTML 43Page - Texas Instruments AFE5804 Datasheet HTML 44Page - Texas Instruments AFE5804 Datasheet HTML 45Page - Texas Instruments AFE5804 Datasheet HTML 46Page - Texas Instruments AFE5804 Datasheet HTML 47Page - Texas Instruments AFE5804 Datasheet HTML 48Page - Texas Instruments AFE5804 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
EN_SDR= '1',FALL_SDR='0'
FCLKP
LCLKP
OUTP
EN_SDR= '1',FALL_SDR='1'
FCLKP
LCLKP
OUTP
AFE5804
www.ti.com
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
In addition to programming the phase of LCLK in the DDR mode, the device can also be made to operate in SDR
mode by setting the EN_SDR bit to '1'. In this mode, the bit clock (LCLK) is output at 12 times the input clock, or
twice the rate as in DDR mode. Depending on the state of FALL_SDR, LCLK may be output in either of the two
manners shown in Figure 96. As Figure 96 illustrates, only the LCLK rising (or falling) edge is used to capture the
output data in SDR mode.
Figure 96. SDR Interface Modes
The SDR mode does not work well beyond 40MSPS because the LCLK frequency becomes very high.
DATA OUTPUT FORMAT MODES
The ADC output, by default, is in straight offset binary mode. Programming the BTC_MODE bit to '1' inverts the
MSB, and the output becomes binary twos complement mode.
Also by default, the first bit of the frame (following the rising edge of FCLKP) is the LSB of the ADC output.
Programming the MSB_FIRST mode inverts the bit order in the word, and the MSB is output as the first bit
following the FCLKP rising edge.
Copyright
© 2008–2011, Texas Instruments Incorporated
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com