Electronic Components Datasheet Search
  English  ▼

X  

SMBP2501BPB Datasheet(PDF) 55 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 55 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 51Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 52Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 53Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 54Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 55Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 56Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 57Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 58Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 59Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 55
Version 2.1
5.2 NORMAL MODE
The Normal Mode is system high clock operating mode. The system clock source is from high speed oscillator. The
program is executed. After power on and any reset trigger released, the system inserts into normal mode to execute
program. When the system is wake-up from power down mode, the system also inserts into normal mode. In normal
mode, the high speed oscillator actives, and the power consumption is largest of all operating modes.
The program is executed, and full functions are controllable.
The system rate is high speed.
The high speed oscillator and internal low speed RC type oscillator active.
Normal mode can be switched to other operating modes through OSCM register.
Power down mode is wake-up to normal mode.
Slow mode is switched to normal mode.
Green mode from normal mode is wake-up to normal mode.
5.3 SLOW MODE
The slow mode is system low clock operating mode. The system clock source is from internal low speed RC type
oscillator (16KHz @3V, 32KHz @5V). The slow mode is controlled by CLKMD bit of OSCM register. When CLKMD=0,
the system is in normal mode. When CLKMD=1, the system inserts into slow mode. The high speed oscillator
won’t be
disabled automatically after switching to slow mode, and must be disabled by SPTHX bit to reduce power consumption.
In slow mode, the system rate is fixed Flosc/4 (Flosc is internal low speed RC type oscillator frequency).
The program is executed, and full functions are controllable.
The system rate is low speed (Flosc/4).
The internal low speed RC type oscillator actives, and the high speed oscillator is controlled by STPHX=1. In slow
mode, to stop high speed oscillator is strongly recommendation.
Slow mode can be switched to other operating modes through OSCM register.
Power down mode from slow mode is wake-up to normal mode.
Normal mode is switched to slow mode.
Green mode from slow mode is wake-up to slow mode.
5.4 POWER DOWN MDOE
The power down mode is the system ideal status. No program execution and oscillator operation. Whole chip is under
low power consumption status under 1uA. The power down mode is waked up by P0, P1 hardware level change trigger.
P1 wake-up function is controlled by P1W register. Any operating modes into power down mode, the system is waked
up to normal mode. Inserting power down mode is controlled by CPUM0 bit of OSCM register. W hen CPUM0=1, the
system inserts into power down mode. After system wake-up from power down mode, the CPUM0 bit is disabled (zero
status) automatically.
The program stops executing, and full functions are disabled.
All oscillators including external high speed oscillator, internal high speed oscillator and internal low speed
oscillator stop.
The power consumption is under 1uA.
The system inserts into normal mode after wake-up from power down mode.
The power down mode wake-up source is P0 and P1 level change trigger.
Note: If the system is in normal mode, to set STPHX=1 to disable the high clock oscillator. The system is
under no system clock condition. This condition makes the system stay as power down mode, and can
be wake-up by P0, P1 level change trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com