Electronic Components Datasheet Search
  English  ▼

X  

SMBP2501BPB Datasheet(PDF) 92 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 92 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 88Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 89Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 90Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 91Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 92Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 93Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 94Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 95Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 96Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 92
Version 2.1
1
1
10
0
0ELECTRICAL CHARACTERISTIC
10.1 ABSOLUTE MAXIMUM RATING
Supply voltage (Vdd)…………………………………………………………………………………………………………………….……………… - 0.3V ~ 6.0V
Input in voltage (Vin)…………………………………………………………………………………………………………………….… Vss – 0.2V ~ Vdd + 0.2V
Operating ambient temperature (Topr)
SN8P2501BP, SN8P2501BS, SN8P2501BX, SN8P2501BA, SN8P25011BP, SN8P25011BS
………...…………………………. -20
C ~ + 85C
SN8P2501BPD, SN8P2501BSD, SN8P2501BXD, SN8P2501BAD, SN8P25011BPD, SN8P25011BSD
………………………..–40
C ~ + 85C
Storage ambient temperature (Tstor) ………………………………………………………………….………………………………………… –40
C ~ + 125C
10.2 ELECTRICAL CHARACTERISTIC
(All of voltages refer to Vss, Vdd = 5.0V, fosc = 4MHz,Fcpu=1MHZ, ambient temperature is 25
C unless otherwise note.)
PARAMETER
SYM.
DESCRIPTION
MIN.
TYP.
MAX.
UNIT
Operating voltage
Vdd
Normal mode, Vpp = Vdd,25
C
2.4
5.0
5.5
V
Normal mode, Vpp = Vdd, -40
C~85C
2.5
5.0
5.5
V
RAM Data Retention voltage
Vdr
1.5
-
-
V
Vdd rise rate
Vpor
Vdd rise rate to ensure internal power-on reset
0.05
-
-
V/ms
Input Low Voltage
ViL1
All input ports
Vss
-
0.3Vdd
V
ViL2
Reset pin
Vss
-
0.2Vdd
V
Input High Voltage
ViH1
All input ports
0.7Vdd
-
Vdd
V
ViH2
Reset pin
0.9Vdd
-
Vdd
V
Reset pin leakage current
Ilekg
Vin = Vdd, 25
C
-
-
2
uA
Vin = Vdd, -40
C~85C
-
-
5
uA
I/O port pull-up resistor
Rup
Vin = Vss , Vdd = 3V
100
200
300
K
Vin = Vss , Vdd = 5V
50
100
180
I/O port input leakage current
Ilekg
Pull-up resistor disable, Vin = Vdd
-
-
2
uA
I/O output source current
IoH
Vop = Vdd
– 0.5V
8
12
20
mA
sink current
IoL
Vop = Vss + 0.5V
8
15
20
INTn trigger pulse width
Tint0
INT0 interrupt request pulse width
2/fcpu
-
-
cycle
Supply Current
Idd1
Run Mode
(No loading,
Fcpu = Fosc/4)
Vdd= 5V, 4Mhz
-
2.5
5
mA
Vdd= 3V, 4Mhz
-
1
2
mA
Idd2
Slow Mode
(Internal low RC, Stop
high clock)
Vdd=5V, ILRC 32Khz
-
20
40
uA
Vdd=3V, ILRC 16Khz
-
5
10
uA
Idd3
Sleep Mode
Vdd= 5V, 25
C
-
0.8
1.6
uA
Vdd= 3V, 25
C
0.7
1.4
uA
Vdd= 5V , -40
C~85C
-
10
21
uA
Vdd= 3V, -40
C~85C
10
21
uA
Idd4
Green Mode
(No loading,
Fcpu = Fosc/4,
Watchdog Disable)
Vdd= 5V, 4Mhz
-
0.6
1.2
mA
Vdd= 3V, 4Mhz
-
0.25
0.5
mA
Vdd=5V, ILRC 32Khz
-
15
30
uA
Vdd=3V, ILRC 16Khz
-
3
6
uA
Internal High Oscillator Freq.
Fihrc
Internal Hihg RC (IHRC)
25
C,
Vdd= 5V,
Fcpu = 1MHz
15.68
16
16.32
Mhz
-40
C~85C,
Vdd= 2.4V~5.5V,
Fcpu = 1MHz~4 MHz
14
16
18
Mhz
LVD Voltage
Vdet0
Low voltage reset level.
1.6
2.0
2.3
V
Vdet1
Low voltage reset level. Fcpu = 1 MHz.
Low voltage indicator level. Fcpu = 1 MHz.
1.8
2.4
3
V
Vdet2
Low voltage indicator level. Fcpu = 1 MHz
2.5
3.6
4.5
V
*These parameters are for design reference, not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com