Electronic Components Datasheet Search
  English  ▼

X  

SMBP2501BPB Datasheet(PDF) 76 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 76 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 72Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 73Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 74Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 75Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 76Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 77Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 78Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 79Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 80Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 76
Version 2.1
8.2 TIMER 0 (T0)
8.2.1 OVERVIEW
The T0 is an 8-bit binary up timer and event counter. If T0 timer occurs an overflow (from FFH to 00H), it will continue
counting and issue a time-out signal to trigger T0 interrupt to request interrupt service.
The main purposes of the T0 timer is as following.
8-bit programmable up counting timer: Generates interrupts at specific time intervals based on the selected
clock frequency.
RTC timer: Generates interrupts at real time intervals based on the selected clock source. RTC function is only
available in High_Clk code option = "IHRC_RTC" and
“32K X’tal” .
Green mode wakeup function: T0 can be green mode wake-up time as T0ENB = 1. System will be wake-up by
T0 time out.
Fcpu
T0 Rate
(Fcpu/2~Fcpu/256)
T0ENB
CPUM0,1
T0C 8-Bit Binary Up Counting Counter
T0 Time Out
Load
Internal Data Bus
T0ENB
RTC
T0TB
Note:1. In RTC mode, clear T0IRQ must be after 1/2 RTC clock source (32768Hz), or the RTC interval time
is error. The delay is about 16us and use T0 interrupt service routine executing time to be the
16us delay time.
2. In RTC mode, the T0 interval time is fixed at 0.5 sec and T0C is 256 counts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com