Electronic Components Datasheet Search
  English  ▼

X  

SMBP2501BPB Datasheet(PDF) 73 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 73 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 69Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 70Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 71Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 72Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 73Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 74Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 75Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 76Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 77Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 73
Version 2.1
7.4 I/O PORT DATA REGISTER
0D0H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P0
-
-
-
-
-
-
-
P00
Read/Write
-
-
-
-
-
-
-
R/W
After reset
-
-
-
-
-
-
-
0
0D1H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1
-
-
-
-
P13
P12
P11
P10
Read/Write
-
-
-
-
R/W
R/W
R/W
R/W
After reset
-
-
-
-
0
0
0
0
0D2H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P2
-
-
P25
P24
P23
P22
P21
P20
Read/Write
-
-
R
R/W
R/W
R/W
R/W
R/W
After reset
-
-
0
0
0
0
0
0
0D5H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P5
-
-
-
P54
-
-
-
-
Read/Write
-
-
-
R/W
-
-
-
-
After reset
-
-
-
0
-
-
-
-
Note: The P11 keeps
“1” when external reset enable by code option.
Example: Read data from input port.
B0MOV
A, P0
; Read data from Port 0
B0MOV
A, P1
; Read data from Port 1
B0MOV
A, P5
; Read data from Port 5
Example: Write data to output port.
MOV
A, #0FFH
; Write data FFH to all Port.
B0MOV
P0, A
B0MOV
P1, A
B0MOV
P5, A
Example: Write one bit data to output port.
B0BSET
P1.3
; Set P1.3 and P5.4 to be
“1”.
B0BSET
P5.4
B0BCLR
P1.3
; Set P1.3 and P5.4 to be
“0”.
B0BCLR
P5.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com