Electronic Components Datasheet Search
  English  ▼

X  

SMBP2501BPB Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 6Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 7Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 8Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 9Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 10Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 11Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 12Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 13Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 14Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 10
Version 2.1
1.4 PIN DESCRIPTIONS
PIN NAME
TYPE
DESCRIPTION
VDD, VSS
P
Power supply input pins for digital circuit.
P1.1/RST/VPP
I, P
P1.1: Input only pin (Schmitt trigger) if disable external reset function.
P1.1 without build-in pull-up resister.
P1.1 is input only pin without pull-up resistor under P1.1 mode. Add the 100 ohm
external resistor on P1.1, when it is set to be input pin.
Built-in wakeup function.
RST: System reset input pin. Schmitt trigger structure, low active, normal stay to
“high”.
VPP: OTP programming pin.
P1.3/XIN
I/O
Port 1.3 bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters.
Built-in wakeup function.
XIN: Oscillator input pin while external oscillator enable (crystal and RC).
P1.2/XOUT
I/O
Port 1.2 bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters.
Built-in wakeup function.
XOUT: Oscillator output pin while external crystal enable.
P0.0/INT0
I/O
Port 0.0 bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters.
Built-in wakeup function.
INT0 trigger pin (Schmitt trigger).
TC0 event counter clock input pin.
P1.0
I/O
Port P1.0 bi-direction pins and open-drain pin. Schmitt trigger structure as input
mode.
Built-in pull-up resisters.
P2 [5:0]
I/O
Bi-direction pins. Schmitt trigger structure as input mode.
Built-in pull-up resisters.
P5.4/BZ0.PWM0
I/O
Port 5.4 bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters.
TC0 ÷ 2 signal output pin for buzzer and PWM output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com