Electronic Components Datasheet Search
  English  ▼

X  

LP3470A Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3470A
Description  LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3470A Datasheet(HTML) 2 Page - Texas Instruments

  LP3470A Datasheet HTML 1Page - Texas Instruments LP3470A Datasheet HTML 2Page - Texas Instruments LP3470A Datasheet HTML 3Page - Texas Instruments LP3470A Datasheet HTML 4Page - Texas Instruments LP3470A Datasheet HTML 5Page - Texas Instruments LP3470A Datasheet HTML 6Page - Texas Instruments LP3470A Datasheet HTML 7Page - Texas Instruments LP3470A Datasheet HTML 8Page - Texas Instruments LP3470A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
LP3470A
SNVSBF5C – JULY 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: LP3470A
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings ............................................................ 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Timing Requirements ................................................ 6
7.7
Typical Characteristics ............................................. 7
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
Feature Description................................................... 9
8.4
Device Functional Modes........................................ 11
9
Application and Implementation ........................ 12
9.1
Application Information............................................ 12
9.2
Typical Application ................................................. 12
10
Power Supply Recommendations ..................... 14
11
Layout................................................................... 14
11.1
Layout Guidelines ................................................. 14
11.2
Layout Example .................................................... 14
12
Device and Documentation Support ................. 15
12.1
Receiving Notification of Documentation Updates 15
12.2
Support Resources ............................................... 15
12.3
Trademarks ........................................................... 15
12.4
Electrostatic Discharge Caution ............................ 15
12.5
Glossary ................................................................ 15
13
Mechanical, Packaging, and Orderable
Information ........................................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (November 2019) to Revision C
Page
•
Changed Figure 12 caption to 0.01 µF................................................................................................................................. 13
Changes from Revision A (October 2019) to Revision B
Page
•
Changed Ultra-low quiescent current 0.35 to 0.3 to align with the Electrical Characteristics table ....................................... 1
•
Changed the typical value of ICC in the Electrical Characteristics table from 300 to 0.3 to match with the units of µA......... 6
Changes from Original (July 2019) to Revision A
Page
•
Initial Public Release ............................................................................................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com