Electronic Components Datasheet Search
  English  ▼

X  

LP3470A Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3470A
Description  LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3470A Datasheet(HTML) 3 Page - Texas Instruments

  LP3470A Datasheet HTML 1Page - Texas Instruments LP3470A Datasheet HTML 2Page - Texas Instruments LP3470A Datasheet HTML 3Page - Texas Instruments LP3470A Datasheet HTML 4Page - Texas Instruments LP3470A Datasheet HTML 5Page - Texas Instruments LP3470A Datasheet HTML 6Page - Texas Instruments LP3470A Datasheet HTML 7Page - Texas Instruments LP3470A Datasheet HTML 8Page - Texas Instruments LP3470A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
LP3470A
www.ti.com
SNVSBF5C – JULY 2019 – REVISED MAY 2020
Product Folder Links: LP3470A
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
VIT- (typ) (VCC RAMPING DOWN)
VIT+ (typ) (VCC RAMPING UP)
LP3470A263
2.63 V
2.73 V
LP3470A275
2.75 V
2.85 V
LP3470A293
2.93 V
3.03 V
LP3470A308
3.08 V
3.28 V
LP3470A365
3.65 V
3.85 V
LP3470A400
4.0 V
4.2 V
LP3470A438
4.38 V
4.58 V
LP3470A463
4.63 V
4.83 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com