Electronic Components Datasheet Search
  English  ▼

X  

LP3470A Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3470A
Description  LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3470A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3470A Datasheet HTML 6Page - Texas Instruments LP3470A Datasheet HTML 7Page - Texas Instruments LP3470A Datasheet HTML 8Page - Texas Instruments LP3470A Datasheet HTML 9Page - Texas Instruments LP3470A Datasheet HTML 10Page - Texas Instruments LP3470A Datasheet HTML 11Page - Texas Instruments LP3470A Datasheet HTML 12Page - Texas Instruments LP3470A Datasheet HTML 13Page - Texas Instruments LP3470A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
tD
VCC
VCCmin
VOH
VOL
VIT+
VIT-
RESET
VCC(0v)
tD
tP_HL
VHYS
10
LP3470A
SNVSBF5C – JULY 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: LP3470A
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Feature Description (continued)
The recommended maximum delay capacitor for the LP3470A is limited to 10 µF as this ensures there is enough
time for the capacitor to fully discharge when the reset condition occurs. When a voltage fault occurs, the
previously charged up capacitor discharges, and if the monitored voltage returns from the fault condition before
the delay capacitor discharges completely, the delay capacitor will begin charging from a voltage above zero and
the reset delay will be shorter than expected. Larger delay capacitors can be used so long as the capacitor has
enough time to fully discharge during the duration of the voltage fault.
8.3.2 RESET Output
In applications like microprocessor (µP) systems, errors might occur in system operation during power up, power
down, or brownout conditions. It is imperative to monitor the power supply voltage to prevent these errors from
occurring.
The LP3470A asserts a reset signal whenever the VCC supply voltage is below a threshold (VIT-) voltage.
RESET is ensured to be a logic low for VCC > 0.95 V. Once VCC exceeds the reset threshold plus a hysteresis
voltage, the reset is kept asserted for a time period (tD) programmed by an external capacitor (CSRT); after this
interval RESET goes to logic high. If a brownout condition occurs (monitored voltage falls below the reset
threshold), RESET goes low. When VCC returns above the reset threshold plus a hysteresis voltage, RESET
remains low for a time period tD before going to logic high. Figure 9 shows this behavior.
Figure 9. RESET Output Timing Diagram
8.3.3 Pull-up Resistor Selection
The RESET output structure of the LP3470A is an open-drain N-channel MOSFET switch. A pull-up resistor
(Rpull-up) must be connected to VCC to keep the output logic high when RESET is not asserted.
Connect the pull-up resistor to the desired pull-up voltage source and RESET can be pulled up to any voltage up
to 10 V independent of the VCC voltage. To ensure proper voltage levels, give some consideration when
choosing the pull-up resistor values. Rpull-up must be large enough to limit the current through the output within
the recommended operating conditions. The pull-up resistor value determines the actual VOL, the output
capacitive loading, and the output leakage current (ILKG(OD)). A typical pull-up resistor value of 20 kΩ is sufficient
in most applications.
8.3.4 VCC Transient Immunity
The LP3470A is immune to quick voltage transients or excursions on VCC. Sensitivity to transients depends on
both pulse duration and overdrive. Overdrive is defined by how much VCC deviates from the specified threshold.
Threshold overdrive is calculated as a percent of the threshold in question, as shown in Equation 6. A 0.1-µF
bypass capacitor mounted close to VCC provides additional transient immunity.
Overdrive = | (VCC / VIT- – 1) × 100% |
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com