Electronic Components Datasheet Search
  English  ▼

X  

LP3470A Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3470A
Description  LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3470A Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3470A Datasheet HTML 5Page - Texas Instruments LP3470A Datasheet HTML 6Page - Texas Instruments LP3470A Datasheet HTML 7Page - Texas Instruments LP3470A Datasheet HTML 8Page - Texas Instruments LP3470A Datasheet HTML 9Page - Texas Instruments LP3470A Datasheet HTML 10Page - Texas Instruments LP3470A Datasheet HTML 11Page - Texas Instruments LP3470A Datasheet HTML 12Page - Texas Instruments LP3470A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
+
±
Reference
GND
VCC
RESET
GND
RESET
LOGIC
TIMER
SRT
VCC1
R
SRT
9
LP3470A
www.ti.com
SNVSBF5C – JULY 2019 – REVISED MAY 2020
Product Folder Links: LP3470A
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LP3470A micropower voltage supervisory circuit provides a simple solution to monitor the power supplies in
microprocessor and digital systems and provides a reset controlled by the factory-programmed reset threshold
on the VCC supply voltage pin. When the voltage declines below the reset threshold, the reset signal is asserted
and remains asserted for an interval programmed by an external capacitor after VCC has risen above the
threshold voltage. The reset threshold options are 2.63 V, 2.75 V, 2.93 V, 3.08 V, 3.65 V, 4 V, 4.38 V, 4.63 V.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 RESET Time-Out Period
The reset time delay can be set to a minimum value of 50 µs by leaving the SRT pin floating, or a maximum
value of approximately 6.2 seconds by connecting 10 µF delay capacitor. The reset time delay (tD) can be
programmed by connecting a capacitor no larger than 10 µF between SRT pin and GND.
The relationship between external capacitor (CSRT) in Farads at SRT pin and the time delay (tD) in seconds is
given by Equation 1.
tD = -ln (0.29) x RSRT x CSRT + tD (no cap)
(1)
Equation 1 is simplified to Equation 2 by plugging RSRT and tD(no cap) given in Electrical Characteristics section:
tD = 618937 x CSRT + 50 µs
(2)
Equation 3 solves for external capacitor value (CSRT) in units of Farads where tD is in units of seconds
CSRT = (tD- 50 µs) ÷ 618937
(3)
The reset delay varies according to three variables: the external capacitor variance (CSRT), SRT pin internal
resistance (RSRT) provided in the Electrical Characteristics table, and a constant. The minimum and maximum
variance due to the constant is shown in Equation 5 and Equation 6.
tD (minimum) = -ln (0.36) x RSRT (min) x CSRT (min) + tD (no cap, min)
(4)
tD (maximum) = -ln (0.26) x RSRT (max) x CSRT (max) + tD (no cap, max)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com