Electronic Components Datasheet Search
  English  ▼

X  

LP3470A Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3470A
Description  LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3470A Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3470A Datasheet HTML 7Page - Texas Instruments LP3470A Datasheet HTML 8Page - Texas Instruments LP3470A Datasheet HTML 9Page - Texas Instruments LP3470A Datasheet HTML 10Page - Texas Instruments LP3470A Datasheet HTML 11Page - Texas Instruments LP3470A Datasheet HTML 12Page - Texas Instruments LP3470A Datasheet HTML 13Page - Texas Instruments LP3470A Datasheet HTML 14Page - Texas Instruments LP3470A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Overdrive
Pulse
Duration
VCC
V
IT-
V
IT+
V
HYS
11
LP3470A
www.ti.com
SNVSBF5C – JULY 2019 – REVISED MAY 2020
Product Folder Links: LP3470A
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Feature Description (continued)
Figure 10. Overdrive vs Pulse Duration
8.4 Device Functional Modes
8.4.1 RESET Output Low
When the VCC supply voltage is below the reset threshold (VIT-), the RESET pin will output logic low. RESET is
ensured to be a logic low for VCC > 0.95 V.
8.4.2 RESET Output High
When the VCC supply voltage exceeds the reset threshold (VIT-) plus the hysteresis voltage (VHYS), the RESET
remains asserted for a time period (tD) programmed by an external capacitor (CSRT); after this interval RESET
goes to logic high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com