Electronic Components Datasheet Search
  English  ▼

X  

LP3470A Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3470A
Description  LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3470A Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3470A Datasheet HTML 3Page - Texas Instruments LP3470A Datasheet HTML 4Page - Texas Instruments LP3470A Datasheet HTML 5Page - Texas Instruments LP3470A Datasheet HTML 6Page - Texas Instruments LP3470A Datasheet HTML 7Page - Texas Instruments LP3470A Datasheet HTML 8Page - Texas Instruments LP3470A Datasheet HTML 9Page - Texas Instruments LP3470A Datasheet HTML 10Page - Texas Instruments LP3470A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
VITp
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
472.5
473
473.5
474
474.5
475
475.5
476
476.5
477
477.5
478
478.5
479
RSRT
VCC (V)
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
15
20
25
30
35
40
45
50
VOL_
25°C
-40°C
125°C
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.14
0.16
0.18
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
VIT-
VCC (V)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
VCC_
25°C
-40°C
125°C
VCC (V)
1
2
3
4
5
6
7
8
9
10
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
Iq_v
25°C
-40°C
125°C
7
LP3470A
www.ti.com
SNVSBF5C – JULY 2019 – REVISED MAY 2020
Product Folder Links: LP3470A
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.7 Typical Characteristics
Typical characteristics show the typical performance of the LP3470A device. Test conditions are at TA = TJ = 25°C (unless
otherwise noted).
Figure 1. Supply Current vs Supply Voltage
Figure 2. Output Voltage vs Supply Voltage for LP3470A293
Figure 3. Low Level Output Voltage vs Supply Voltage
Figure 4. Negative-going Input Threshold VIT- Accuracy vs
Temperature
Figure 5. Positive-going Input Threshold VIT+ Accuracy vs
Temperature
Figure 6. SRT Pin Internal Resistance Overtemperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com