Electronic Components Datasheet Search
  English  ▼

X  

LP3470A Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3470A
Description  LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3470A Datasheet(HTML) 1 Page - Texas Instruments

  LP3470A Datasheet HTML 1Page - Texas Instruments LP3470A Datasheet HTML 2Page - Texas Instruments LP3470A Datasheet HTML 3Page - Texas Instruments LP3470A Datasheet HTML 4Page - Texas Instruments LP3470A Datasheet HTML 5Page - Texas Instruments LP3470A Datasheet HTML 6Page - Texas Instruments LP3470A Datasheet HTML 7Page - Texas Instruments LP3470A Datasheet HTML 8Page - Texas Instruments LP3470A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
VCC (V)
1
2
3
4
5
6
7
8
9
10
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
Iq_v
25°C
-40°C
125°C
LP3470A
VCC
GND
RESET
Microcontroller
VCC
RESET
LDO
IN
OUT
SRT
VCC1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP3470A
SNVSBF5C – JULY 2019 – REVISED MAY 2020
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset
Threshold
1
1 Features
1
•
Pin-to-pin compatible with LP3470
•
5-Pin SOT-23 package
•
Open-drain RESET output
•
Programmable reset time-out period using an
external capacitor
•
Immune to short VCC transients
•
±1% Reset threshold accuracy (typical)
•
Ultra-low quiescent current (0.3 µA typical)
•
RESET valid down to VCC = 0.95 V
2 Applications
•
Critical µP and µC power monitoring
•
Intelligent instruments
•
Computers
•
Portable and battery-powered equipment
•
Building automation: building security system,
video surveillance
•
Factory automation: field transmitters, position
and proximity sensors
•
Motor drives
3 Description
The
LP3470A
device
is
a
micropower
voltage
supervisory circuit designed to monitor voltages
within 1% of reset threshold overtemperature and is
pin-to-pin compatible with existing TI device LP3470.
The LP3470A device provides accurate, nano-power
voltage monitoring with programmable delay.
The LP3470A asserts a reset signal whenever the
VCC supply voltage falls below a reset threshold. The
reset time-out period is adjustable using an external
capacitor. Reset remains asserted for an interval
(programmed by an external capacitor) after VCC has
risen above the threshold voltage plus hysteresis.
For information on available reset threshold voltage
options, see Mechanical, Packaging, and Orderable
Information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP3470A
SOT-23 (5)
1.60 mm × 2.90 mm
(1) For
all
available
packages,
see
the
Package
Option
Addendum at the end of the data sheet.
Basic Operating Circuit
Typical Supply Current for LP3470A


Similar Part No. - LP3470A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3470A TI1-LP3470A Datasheet
432Kb / 16P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
LP3470A TI1-LP3470A Datasheet
1Mb / 23P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
LP3470A263 TI1-LP3470A263 Datasheet
432Kb / 16P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
LP3470A263DBVR TI1-LP3470A263DBVR Datasheet
1Mb / 23P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
LP3470A275 TI1-LP3470A275 Datasheet
432Kb / 16P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
More results

Similar Description - LP3470A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2790 MICREL-MIC2790 Datasheet
718Kb / 18P
Supervisor with High-Accuracy, Ultra-Fast Propagation Delay, and Capacitor-Programmable Reset Delay
MIC2790 MICREL-MIC2790_14 Datasheet
798Kb / 18P
Supervisor with High-Accuracy, Ultra-Fast Propagation Delay, and Capacitor-Programmable Reset Delay
logo
Texas Instruments
LP3470A TI1-LP3470A Datasheet
432Kb / 16P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
LP3470A TI1-LP3470A_V01 Datasheet
1Mb / 23P
LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
TLV840 TI-TLV840_V02 Datasheet
1Mb / 29P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V03 Datasheet
1Mb / 30P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V04 Datasheet
1Mb / 30P
TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TPS3760 TI-TPS3760 Datasheet
2Mb / 39P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
MARCH 2022
TPS3760 TI-TPS3760_V01 Datasheet
1Mb / 40P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
MARCH 2022
TPS3760 TI-TPS3760_V02 Datasheet
1Mb / 44P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com