Electronic Components Datasheet Search
  English  ▼

X  

LP3470A Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3470A
Description  LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3470A Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3470A Datasheet HTML 2Page - Texas Instruments LP3470A Datasheet HTML 3Page - Texas Instruments LP3470A Datasheet HTML 4Page - Texas Instruments LP3470A Datasheet HTML 5Page - Texas Instruments LP3470A Datasheet HTML 6Page - Texas Instruments LP3470A Datasheet HTML 7Page - Texas Instruments LP3470A Datasheet HTML 8Page - Texas Instruments LP3470A Datasheet HTML 9Page - Texas Instruments LP3470A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
LP3470A
SNVSBF5C – JULY 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: LP3470A
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
VIT+ = VHYS + VIT-
(2)
This parameter is guranteed by design and characterization
(3)
VPOR is the minimum VDD voltage level for a controlled output state. VDD slew rate ≤ 100mV/µs
7.5 Electrical Characteristics
At 0.95 V
≤ VCC ≤ 10 V, SRT = Open, RESET pull-up resistor (Rpull-up) = 100 kΩ to VCC, output reset load (CLOAD) = 10 pF and
over the operating free-air temperature range – 40°C to 125°C, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Input supply voltage
0.95
10
V
VIT-
Negative-going input threshold accuracy
-40°C to 125°C
–1.5
1
1.5
%
VHYS
Hysteresis on VIT- pin
VIT- = 3.08 V to 4.63 V
175
200
225
mV
VHYS
Hysteresis on VIT- pin
VIT- = 2.64 V to 2.93 V
75
100
125
mV
ICC
Supply current into VCC pin
VCC = 0.95 V < VCC < 10 V
VCC > VIT+
(1)
TA = -40°C to 125°C
0.3
1
µA
RSRT
SRT pin internal resistance (2)
350
500
650
kΩ
VPOR
Power on Reset Voltage(3)
VOL(max) = 0.2 V
IOUT (Sink) = 5.6 uA
950
mV
VOL
Low level output voltage
1.5 V < VCC < 5 V
VCC < VIT-
IOUT(Sink) = 2 mA
200
mV
Ilkg(OD)
Open-Drain output leakage current
RESET pin in High Impedance,
VCC = VRESET = 5.5 V
VIT+ < VCC
90
nA
(1)
tP_HL measured from threhold trip point (VIT-) to VOL
(2)
Ideal capacitor
(3)
Parameter is guranteed by design.
(4)
Overdrive % = [(VCC/ VIT-) - 1] × 100%
7.6 Timing Requirements
At 0.95 V
≤ VCC ≤ 10 V, SRT = Open, RESET pull-up resistor (Rpull-up) = 100 kΩ to VCC, output reset load (CLOAD) = 10 pF and
over the operating free-air temperature range – 40°C to 125°C, VCC slew rate < 100mV / us, unless otherwise noted. Typical
values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tP_HL
Propagation detect delay for VCC falling
below VIT-
VCC = VIT+ to (VIT-) - 10%
(1)
15
30
µs
tD
Reset time delay
SRT pin = open
VCC = (VIT- -1V) to (VIT+ + 1V)
50
µs
SRT pin = 10 nF(2)(3)
6.2
ms
SRT pin = 1 µF(2)(3)
619
ms
tGI_VIT-
Glitch immunity VIT-
5% VIT- overdrive
(3) (4)
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com