Electronic Components Datasheet Search
  English  ▼

X  

MF5438AMEP Datasheet(PDF) 21 Page - Texas Instruments

Part # MF5438AMEP
Description  MIXED SIGNAL MICROCONTROLLER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MF5438AMEP Datasheet(HTML) 21 Page - Texas Instruments

Back Button MF5438AMEP Datasheet HTML 17Page - Texas Instruments MF5438AMEP Datasheet HTML 18Page - Texas Instruments MF5438AMEP Datasheet HTML 19Page - Texas Instruments MF5438AMEP Datasheet HTML 20Page - Texas Instruments MF5438AMEP Datasheet HTML 21Page - Texas Instruments MF5438AMEP Datasheet HTML 22Page - Texas Instruments MF5438AMEP Datasheet HTML 23Page - Texas Instruments MF5438AMEP Datasheet HTML 24Page - Texas Instruments MF5438AMEP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
MSP430F5438A-EP
www.ti.com
SLAS967A – JANUARY 2014 – REVISED JANUARY 2014
Universal Serial Communication Interface (USCI) (Links to User's Guide: UART Mode, SPI Mode,
I2C Mode)
The USCI modules are used for serial data communication. The USCI module supports synchronous
communication protocols such as SPI (3 or 4 pin) and I2C, and asynchronous communication protocols such as
UART, enhanced UART with automatic baudrate detection, and IrDA. Each USCI module contains two portions,
A and B.
The USCI_An module provides support for SPI (3 pin or 4 pin), UART, enhanced UART, or IrDA.
The USCI_Bn module provides support for SPI (3 pin or 4 pin) or I2C.
The MSP430F5438A, MSP430F5436A, and MSP430F5419A include four complete USCI modules (n = 0 to 3).
The MSP430F5437A, MSP430F5435A, and MSP430F5418A include two complete USCI modules (n = 0 to 1).
TA0 (Link to User's Guide)
TA0 is a 16-bit timer/counter (Timer_A type) with five capture/compare registers. It can support multiple
capture/compares, PWM outputs, and interval timing. It also has extensive interrupt capabilities. Interrupts may
be generated from the counter on overflow conditions and from each of the capture/compare registers.
Table 9. TA0 Signal Connections
MODULE
DEVICE
INPUT PIN
DEVICE INPUT
MODULE
MODULE
OUTPUT
OUTPUT
OUTPUT PIN NUMBER
NUMBER
SIGNAL
INPUT SIGNAL
BLOCK
SIGNAL
SIGNAL
17, H1-P1.0
TA0CLK
TACLK
ACLK
ACLK
Timer
NA
NA
SMCLK
SMCLK
17, H1-P1.0
TA0CLK
TACLK
18, H4-P1.1
TA0.0
CCI0A
18, H4-P1.1
57, H9-P8.0
TA0.0
CCI0B
57, H9-P8.0
CCR0
TA0
TA0.0
ADC12 (internal)
DVSS
GND
ADC12SHSx = {1}
DVCC
VCC
19, J4-P1.2
TA0.1
CCI1A
19, J4-P1.2
58, H11-P8.1
TA0.1
CCI1B
58, H11-P8.1
CCR1
TA1
TA0.1
DVSS
GND
DVCC
VCC
20, J1-P1.3
TA0.2
CCI2A
20, J1-P1.3
59, H12-P8.2
TA0.2
CCI2B
59, H12-P8.2
CCR2
TA2
TA0.2
DVSS
GND
DVCC
VCC
21, J2-P1.4
TA0.3
CCI3A
21, J2-P1.4
60, G9-P8.3
TA0.3
CCI3B
60, G9-P8.3
CCR3
TA3
TA0.3
DVSS
GND
DVCC
VCC
22, K1-P1.5
TA0.4
CCI4A
22, K1-P1.5
61, G11-P8.4
TA0.4
CCI4B
61, G11-P8.4
CCR4
TA4
TA0.4
DVSS
GND
DVCC
VCC
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com